Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF5040 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # REF5040
Description  Low-Noise, Very Low Drift, Precision VOLTAGE REFERENCE
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REF5040 Datasheet(HTML) 8 Page - Texas Instruments

Back Button REF5040 Datasheet HTML 4Page - Texas Instruments REF5040 Datasheet HTML 5Page - Texas Instruments REF5040 Datasheet HTML 6Page - Texas Instruments REF5040 Datasheet HTML 7Page - Texas Instruments REF5040 Datasheet HTML 8Page - Texas Instruments REF5040 Datasheet HTML 9Page - Texas Instruments REF5040 Datasheet HTML 10Page - Texas Instruments REF5040 Datasheet HTML 11Page - Texas Instruments REF5040 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
100 s/div
m
-10mA
-10mA
+10mA
I
LOAD
V
OUT
2mV/div
10mA/div
20ms/div
V
OUT
V
IN
5mV/div
500mV/div
100 s/div
m
V
OUT
V
IN
5mV/div
500mV/div
140
120
100
80
60
40
20
0
40
-20
-
0
100
200
300
400
500
600
700
800
900 1000
Hours
96 Units
MSOP-8 Package
1000 1100 1200 1300 1400 1500 1600 1700 1800 1900 2000
Hours
50
40
30
20
10
0
-
-
10
20
96 Units
MSOP-8 Package
140
120
100
80
60
40
20
0
40
-20
-
0
200
400
600
800 1000 1200 1400 1600 1800 2000
Hours
96 Units
MSOP-8 Package
REF5010, REF5020
REF5025, REF5030
REF5040, REF5045, REF5050
SBOS410E – JUNE 2007 – REVISED JUNE 2010
www.ti.com
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, ILOAD = 0, and VS = VOUT + 0.2V, unless otherwise noted. For VOUT ≤ 2.5V, the minimum supply voltage is 2.7V.
LOAD TRANSIENT
LINE TRANSIENT
(CL = 10mF, IOUT = 10mA)
(CL = 1mF)
Figure 19.
Figure 20.
LINE TRANSIENT
REF50xx
(CL = 10mF)
LONG-TERM STABILITY (FIRST 1000 HOURS)
Figure 21.
Figure 22.
REF50xx
REF50xx
LONG-TERM STABILITY (SECOND 1000 HOURS)
LONG-TERM STABILITY (2000 HOURS)
Figure 23.
Figure 24.
8
Submit Documentation Feedback
Copyright © 2007–2010, Texas Instruments Incorporated
Product Folder Link(s): REF5010 REF5020 REF5025 REF5030 REF5040 REF5045 REF5050



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com