Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF5040 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # REF5040
Description  Low-Noise, Very Low Drift, Precision VOLTAGE REFERENCE
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REF5040 Datasheet(HTML) 10 Page - Texas Instruments

Back Button REF5040 Datasheet HTML 6Page - Texas Instruments REF5040 Datasheet HTML 7Page - Texas Instruments REF5040 Datasheet HTML 8Page - Texas Instruments REF5040 Datasheet HTML 9Page - Texas Instruments REF5040 Datasheet HTML 10Page - Texas Instruments REF5040 Datasheet HTML 11Page - Texas Instruments REF5040 Datasheet HTML 12Page - Texas Instruments REF5040 Datasheet HTML 13Page - Texas Instruments REF5040 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
R5
60kW
REF50xx
TEMP
V
OUT
GND
TRIM/NR
V
IN
aT
aT
(10 A
m
at+25 C)
°
R2
R1
R3
R4
10kW
1kW
1.2V
DNC
TEMP
V
OUT
V
IN
GND
DNC
NC
TRIM/NR
REF50xx
+V
SUPPLY
10kW
1kW
470kW
DNC
TEMP
V
OUT
V
IN
GND
DNC
NC
TRIM/NR
REF50xx
C
BYPASS
1 Fto10 F
m
m
C
L
1 Fto50 F
m
m
+V
SUPPLY
V
OUT
DNC
TEMP
V
OUT
V
IN
GND
DNC
NC
TRIM/NR
REF50xx
C1
1 F
m
+V
SUPPLY
REF5010, REF5020
REF5025, REF5030
REF5040, REF5045, REF5050
SBOS410E – JUNE 2007 – REVISED JUNE 2010
www.ti.com
APPLICATION INFORMATION
The REF50xx is family of low-noise, precision
requirement
of
2.7V,
these
references
can
be
bandgap voltage references that are specifically
operated with a supply of 200mV above the output
designed for excellent initial voltage accuracy and
voltage
in
an
unloaded
condition.
For
loaded
drift. Figure 28 shows a simplified block diagram of
conditions, a typical dropout voltage versus load plot
the REF50xx.
is shown in Figure 6 of the Typical Characteristics.
OUTPUT ADJUSTMENT USING THE TRIM/NR
PIN
The
REF50xx
provides
a
very
accurate,
factory-trimmed voltage output. However, VOUT can
be adjusted using the trim and noise reduction pin
(TRIM/NR, pin 5). Figure 30 shows a typical circuit
that allows an output adjustment of ±15mV
Figure 28. REF50xx Simplified Block Diagram
BASIC CONNECTIONS
Figure 30. VOUT Adjustment Using the TRIM/NR
Figure 29 shows the typical connections for the
Pin
REF50xx.
A
supply
bypass
capacitor
ranging
between 1mF to 10mF is recommended. A 1mF to
The REF50xx allows access to the bandgap through
50mF output capacitor (CL) must be connected from
the TRIM/NR pin. Placing a capacitor from the
VOUT to GND. The ESR value of CL must be less than
TRIM/NR pin to GND (see Figure 31) in combination
or equal to 1.5
Ω to ensure output stability. To
with the internal R3 and R4 resistors creates a
minimize noise, the recommended ESR of CL is
low-pass filter. A capacitance of 1mF creates a
between 1
Ω and 1.5Ω.
low-pass filter with the corner frequency between
10Hz and 20Hz. Such a filter decreases the overall
noise measured on the VOUT pin by half. Higher
capacitance results in a lower filter cutoff frequency,
further reducing output noise. Note that use of this
capacitor increases startup time.
Figure 29. Basic Connections
SUPPLY VOLTAGE
The REF50xx family of voltage references features
extremely low dropout voltage. With the exception of
Figure 31. Noise Reduction Using the TRIM/NR
the
REF5020,
which
has
a
minimum
supply
Pin
10
Submit Documentation Feedback
Copyright © 2007–2010, Texas Instruments Incorporated
Product Folder Link(s): REF5010 REF5020 REF5025 REF5030 REF5040 REF5045 REF5050



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com