Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSTCE12M0G55Z-R0 Datasheet(PDF) 8 Page - Murata Manufacturing Co., Ltd.

Part # CSTCE12M0G55Z-R0
Description  Ceramic Resonators (CERALOCKr)
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

CSTCE12M0G55Z-R0 Datasheet(HTML) 8 Page - Murata Manufacturing Co., Ltd.

Back Button CSTCE12M0G55Z-R0 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. CSTCE12M0G55Z-R0 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. CSTCE12M0G55Z-R0 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. CSTCE12M0G55Z-R0 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. CSTCE12M0G55Z-R0 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. CSTCE12M0G55Z-R0 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. CSTCE12M0G55Z-R0 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. CSTCE12M0G55Z-R0 Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. CSTCE12M0G55Z-R0 Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 45 page
background image
Application Circuits Utilization
H1
0.1μF
74
72
L
IC : TMP92CD54IF
Vcc3=3.3V
CERALOCK
r
C1
C2
CERALOCK
r: CSTCE10M0G15Cpp-R0
C1=33pF (Typ.)
C2=33pF (Typ.)
H2
Vcc5=5.0V
V2
V1
H1: 36, 68, 86
H2: 2, 4, 15, 40, 50, 61, 75
L: 1, 3, 13, 38, 51, 63, 73, 88
c TMP92CD54IF (Toshiba)
16-bit Microcomputer
H
0.1μF
28
27
L
26
IC : MB90F387
Vcc=5.0V
CERALOCK
r
C1
C2
CERALOCK
r: CSTCE8M00G15Cpp-R0
C1=33pF (Typ.)
C2=33pF (Typ.)
V2
V1
H: 1, 2, 21, 22, 24
L: 20, 23, 25, 48
c MB90F387 (Fujitsu)
16-bit Microcomputer
59
58
GND
EVALUATION BOARD
IC : MC68HC908AZ60AVFU
Vdd=5.0V
CERALOCK
r: CSTCE16M0V13Cpp-R0
C1=15pF (Typ.)
C2=15pF (Typ.)
CERALOCK
r
C1
C2
V2
V1
1M
Ω
c MC68HC908AZ60AVFU (Freescale)
8-bit Microcomputer
H60
12
L
IC : ST72F561 (HS)
Vdd=5.0V
H: 9, 25, 41, 57, 58
L: 8, 24, 40, 55, 56
CERALOCK
r
C1
C2
CERALOCK
r: CSTCE8M00G15App-R0
C1=33pF (Typ.)
C2=33pF (Typ.)
V2
V1
c ST72F561 (HS) (ST Microelectronics)
8-bit Microcomputer
H14
12
13
L
10
4.7μF
IC : μPD70F3283YGC
Vdd=3.3V
10k
Ω
H: 1, 5, 9, 34, 70
L: 2, 8, 11, 15, 33, 69
CERALOCK
r
C1
C2
CERALOCK
r: CSTCE10M0G15Cpp-R0
C1=33pF (Typ.)
C2=33pF (Typ.)
V2
V1
c µPD70F3283YGC (Renesas)
32-bit Microcomputer
H19
22
20
L
IC : M30842MCT-XXXGP (High*)
H: 23, 24, 37, 39, 59, 74, 91, 118, 122,
132, 142, 143
L: 15, 16, 21, 36, 41, 57, 76, 93,
110~113, 120, 121, 130, 140
CERALOCK
r
C1
C2
CERALOCK
r: CSTCE8M00G15Cpp-R0
C1=33pF (Typ.)
C2=33pF (Typ.)
V2
V1
Vcc=5.0V
*High: XIN-XOUT Drive Capacity Select Bit
c M30842MCT-XXXGP (Renesas)
16-bit Microcomputer
P16E.pdf
Nov.22,2012
6
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com