Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSTCE12M0G55Z-R0 Datasheet(PDF) 9 Page - Murata Manufacturing Co., Ltd.

Part # CSTCE12M0G55Z-R0
Description  Ceramic Resonators (CERALOCKr)
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

CSTCE12M0G55Z-R0 Datasheet(HTML) 9 Page - Murata Manufacturing Co., Ltd.

Back Button CSTCE12M0G55Z-R0 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. CSTCE12M0G55Z-R0 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. CSTCE12M0G55Z-R0 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. CSTCE12M0G55Z-R0 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. CSTCE12M0G55Z-R0 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. CSTCE12M0G55Z-R0 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. CSTCE12M0G55Z-R0 Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. CSTCE12M0G55Z-R0 Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. CSTCE12M0G55Z-R0 Datasheet HTML 13Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 45 page
background image
Ceramic Resonators (CERALOCK
r)
MHz Chip Type -Standard Frequency Tolerance for Automotive-
Chip type CERALOCK(R) with built-in load capacitors
provides high accuracy in an extremely small package.
MURATA's frequency adjustment and package technology
expertise has enabled the development of the chip
CERALOCK(R) with built-in load capacitors.
This diverse series owes its development to MURATA's
original mass production techniques and high reliability,
and has achieved importance in the worldwide automotive
market.
c Features
1. The series has high reliability and is available
for a wide temperature range.
2. Oscillation circuits do not require external load
capacitors.
3. The series is available in a wide frequency range.
4. The resonators are extremely small and have a low
profile.
5. No adjustment is necessary for oscillation circuits.
c Applications
1. Cluster panel and Control panel
2. Safety control
(Anti-lock Brake System, Electronic Stability
Control, Airbag, etc.)
3. Engine ECU, Electronic Power Steering, Immobilizer,
etc.
4. Car Air conditioner, Power Window, Remote Keyless
Entry system, etc.
5. Electronic Toll Collection system, Car Navigation,
etc.
0.45
(Ref.)
1.2±0.2
6.6 max.
(3)
(2)
(1)
0.3±0.3
0.5±0.05
2.5±0.1
2.5±0.1
1.1±0.1
7.2±0.2
∗
∗: EIAJ code
t : 1.75±0.05
(2.00—2.99MHz)
t : 1.55±0.05
(3.00MHz—)
1.4±0.2
1.2±0.2
0.45
(Ref.)
0.45
(Ref.)
(in mm)
CSTCC_G_A
2.00-3.99MHz
4.5±0.1
∗
4.1 max.
0.8±0.1
0.75±0.1 1.5±0.1
1.5±0.1
0.4±0.1
0.4±0.1
0.4±0.1
0.8±0.1
0.8±0.1
0.4 (ref.)
0.4 (ref.)
0.4 (ref.)
0.4±0.05
0.2±0.2
(2)
(1)
(3)
∗ : EIAJ Monthly
Code
(in mm)
CSTCR_G_B
4.00-7.99MHz
3.2±0.15
0.50 (ref.)
0.50 (ref.)
0.50 (ref.)
3.0 max.
0.4±0.1
0.4±0.1
1.2±0.1 1.2±0.1
(1)
(2)
(3)
0.1±0.1
0.4±0.1
0.4±0.1 0.4±0.1
(in mm)
∗
CSTCE_G_A
8.00-13.99MHz
3.2±0.15
0.1±0.1
0.4±0.1
0.5 (ref.)
0.5 (ref.)
3.0 max.
0.4±0.1
(1)
(2)
(3)
0.4±0.1
1.2±0.1 1.2±0.1
0.4±0.1
0.4±0.1
0.5 (ref.)
(in mm)
∗: EIAJ Monthly
Code
∗
CSTCE_V_C
14.00-20.00MHz
Continued on the following page.
P16E.pdf
Nov.22,2012
7
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com