Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSTCE12M0G55Z-R0 Datasheet(PDF) 18 Page - Murata Manufacturing Co., Ltd.

Part # CSTCE12M0G55Z-R0
Description  Ceramic Resonators (CERALOCKr)
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

CSTCE12M0G55Z-R0 Datasheet(HTML) 18 Page - Murata Manufacturing Co., Ltd.

Back Button CSTCE12M0G55Z-R0 Datasheet HTML 14Page - Murata Manufacturing Co., Ltd. CSTCE12M0G55Z-R0 Datasheet HTML 15Page - Murata Manufacturing Co., Ltd. CSTCE12M0G55Z-R0 Datasheet HTML 16Page - Murata Manufacturing Co., Ltd. CSTCE12M0G55Z-R0 Datasheet HTML 17Page - Murata Manufacturing Co., Ltd. CSTCE12M0G55Z-R0 Datasheet HTML 18Page - Murata Manufacturing Co., Ltd. CSTCE12M0G55Z-R0 Datasheet HTML 19Page - Murata Manufacturing Co., Ltd. CSTCE12M0G55Z-R0 Datasheet HTML 20Page - Murata Manufacturing Co., Ltd. CSTCE12M0G55Z-R0 Datasheet HTML 21Page - Murata Manufacturing Co., Ltd. CSTCE12M0G55Z-R0 Datasheet HTML 22Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 45 page
background image
Notice for Automotive
c Storage and Operating Conditions
c Rating
The component may be damaged if excessive mechanical
stress is applied.
c Handling
"CERALOCK" may stop oscillating or oscillate
irregularly under improper circuit conditions.
1. Product Storage Conditions
Please store the products in a room where the
temperature/humidity is stable, and avoid such
places where there are large temperature changes.
Please store the products under the following
conditions:
Temperature: -10 to +40°C
Humidity: 15 to 85% R.H.
2. Expiration Date on Storage
Expiration date (Shelf life) of the products is six
months after delivery under the conditions of a
sealed and unopened package. Please use the products
within six months after delivery. If you store the
products for a long time (more than six months),
use carefully because the products may be degraded
in solderability and/or rusty.
Please confirm solderability and characteristics
for the products regularly.
3. Notice on Product Storage
(1) Please do not store the products in a chemical
atmosphere (Acids, Alkali, Bases, Organic gas,
Sulfides and so on), because the characteristics
may be reduced in quality, and/or be degraded in
the solderability due to the storage in a
chemical atmosphere.
(2) Please do not put the products directly on the
floor without anything under them to avoid damp
and/or dusty places.
(3) Please do not store the products in places
such as: in a damp heated place, in a place where
direct sunlight comes in, in a place applying
vibrations.
(4) Please use the products immediately after the
package is opened, because the characteristics
may be reduced in quality, and/or be degraded in
the solderability due to storage under the poor
conditions.
(5) Please do not drop the products to avoid cracking
of ceramic elements.
4. Other
Conformal coating of the component is acceptable.
However, the resin material, curing temperature, and
other process conditions should be evaluated to
confirm that stable electrical characteristics are
maintained.
Please be sure to consult with our sales representatives
or engineers whenever and prior to using the products.
P16E.pdf
Nov.22,2012
16
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com