Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSTCE12M0G55Z-R0 Datasheet(PDF) 16 Page - Murata Manufacturing Co., Ltd.

Part # CSTCE12M0G55Z-R0
Description  Ceramic Resonators (CERALOCKr)
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

CSTCE12M0G55Z-R0 Datasheet(HTML) 16 Page - Murata Manufacturing Co., Ltd.

Back Button CSTCE12M0G55Z-R0 Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. CSTCE12M0G55Z-R0 Datasheet HTML 13Page - Murata Manufacturing Co., Ltd. CSTCE12M0G55Z-R0 Datasheet HTML 14Page - Murata Manufacturing Co., Ltd. CSTCE12M0G55Z-R0 Datasheet HTML 15Page - Murata Manufacturing Co., Ltd. CSTCE12M0G55Z-R0 Datasheet HTML 16Page - Murata Manufacturing Co., Ltd. CSTCE12M0G55Z-R0 Datasheet HTML 17Page - Murata Manufacturing Co., Ltd. CSTCE12M0G55Z-R0 Datasheet HTML 18Page - Murata Manufacturing Co., Ltd. CSTCE12M0G55Z-R0 Datasheet HTML 19Page - Murata Manufacturing Co., Ltd. CSTCE12M0G55Z-R0 Datasheet HTML 20Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 45 page
background image
Notice for Automotive
Please mount component on a circuit board by reflow
soldering. Flow soldering is not acceptable.
1. Soldering
(1) Reflow soldering
Recommendable Flux and Solder
If compelled to mount the component by using soldering
iron, please do not directly touch the component with the
soldering iron. The component terminals or electrical
characteristics may be damaged if excessive thermal
stress is applied.
(2) Soldering with Iron
Do not reuse components removed from a circuit board
after soldering.
(3) Other
The component is recommended with placement
machines that employ optical placement capabilities. The
component may be damaged by excessive mechanical
force. Please make sure that you have evaluated by
using placement machines before going into mass
production. Do not use placement machines that utilize
mechanical positioning. Please contact Murata for details
beforehand.
(4) Conditions for Placement Machines
150
180
220
245
260
Gradual
Cooling
Peak
Pre-heating
(150 to 180°C)
Heating
(220°C min.)
60 to 120s
30 to 60s
Flux
Solder
Please use rosin based flux,
not water soluble flux.
Recommendable Soldering Profile
Pre-heating
Heating
Peak Temperature
150 to 180°C
Please use solder (Sn-3.0Ag-0.5Cu) under
the following conditions: Standard thickness
of soldering paste: 0.10 to 0.15mm.
220°C min.
upper limit: 260°C
lower limit: 245°C
60 to 120s
30 to 60s
1s max.
5s max.
Temperature shall be measured on the surface of component.
Recommendable Soldering with Iron
Heating of the soldering iron
Watt
Shape of the soldering iron
350°C max.
30W max.
ø3mm max.
5s max. at one terminal
Sn-3.0Ag-0.5Cu
Soldering Time
Solder
Continued on the following page.
HCFC, Isopropanol, Tap water, Demineralized water,
Cleanthrough750H, Pine alpha 100S, Techno care FRW
2. Wash
(1) Cleaning Solvents
dT
V60°C (dT=Component-solvent)
*1 ex. If the component is immersed at +90°C into
cleaning solvent at +60°C, then dT=30°C.
(2) Temperature Difference : dT *1
c Soldering and Mounting (CSTCV/CSACV Series)
P16E.pdf
Nov.22,2012
14
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com