Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT6P235A Datasheet(PDF) 5 Page - Holtek Semiconductor Inc

Part # HT6P235A
Description  Learning RF Encoder without Crystal
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT6P235A Datasheet(HTML) 5 Page - Holtek Semiconductor Inc

  HT6P235A Datasheet HTML 1Page - Holtek Semiconductor Inc HT6P235A Datasheet HTML 2Page - Holtek Semiconductor Inc HT6P235A Datasheet HTML 3Page - Holtek Semiconductor Inc HT6P235A Datasheet HTML 4Page - Holtek Semiconductor Inc HT6P235A Datasheet HTML 5Page - Holtek Semiconductor Inc HT6P235A Datasheet HTML 6Page - Holtek Semiconductor Inc HT6P235A Datasheet HTML 7Page - Holtek Semiconductor Inc HT6P235A Datasheet HTML 8Page - Holtek Semiconductor Inc HT6P235A Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Rev. 1.00
5
June 07, 2013
HT6P235A/HT6P245A
Functional Description
TheHT6P2x5Aencodestheaddresscodeanddataset
intoaspecialwaveformandoutputittotheDOUT.This
waveformisfedtotheRFmodulatorfortransmission.
Normal Operation
The HT6P2x5A series encodes and transmits
address/datatoadecoderuponreceiptofatrigger
signal.ThetransmissionfunctionoftheHT6P2x5A
seriesareenabledbythedatainputs,D0~D3withthe
–B0~B1pinsusingactivelowconditions.
D0~D3, B0
1ms
(typ.)
DOUT
Pilot
code Address/Data/End
code
ThetransmissionsequenceisPilot,Address,Data,
Endcode.
D0~D3, B0
< 1 pilot code
> 1 code word
1 code word
1pilot code < Active
< 1 code word
DOUT
Transmission Timing Diagram
1.1 Code bits
Acodebitisthebasiccomponentoftheencoded
waveform,andcanbeclassifiedaseitheranaddress/data
bitoraPilot-codewhichisasynchronousbit.
1.2 Address/Data bit waveform
Anaddress/databitcanbedesignatedaseitherbit”0”
or“1”ifitisinahighorlowstaterespectively.A
singlebitwaveformconsistsofthreepulsecycles,as
shownthediagram.
Bit “0”
tDW
1λ
2λ
Address/Data bit
1λ
2λ
Bit “1”
Note:1.Bit“0”consistsofa“low”pulsefor1λthen
changestoa“high”pulsefor2λ.
2.Bit“1”consistsofa“low”pulsefor2λthen
changestoa“high”pulsefor1λ.
1.3 Single-Bit Data Width
Thereare8differentsingle-bitdatawidthsasshown
inthetable,selected usingtheBTS1andBTS0
controlpins.
Symbol
Parameter
Pin Condition
Group1 Group2
Unit
tDW
Single bit data width
BTS1/BTS0
0/0
1.1
0.7
ms
0/Floating
1.2
0.8
0/1
1.3
0.9
Floating/0
1.4
1.0
Floating/ Floating
1.5
2.0
Floating/1
1.6
2.1
1/0
1.76
2.2
1/ Floating
1.9
2.3
1/1
NC
NC
—
Note:1.Group2isonlyavailableforHT6P235A.
2.TheBTS0andBTS1pinscanbesettoeither“1”,“0”or“Floating”.
3.TheBTS0andBTS1pinsmustnotbothbe“1”,thiscanresultinerroneousoperation.
4.Ifanoverlappingbittimesituationexiststhenchoosethenearesttimebitvalue.Forexampleifthe
desiredbittimeis1.46ms,thenachoiceof1.5msispreferred.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com