Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT6P235A Datasheet(PDF) 2 Page - Holtek Semiconductor Inc

Part # HT6P235A
Description  Learning RF Encoder without Crystal
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT6P235A Datasheet(HTML) 2 Page - Holtek Semiconductor Inc

  HT6P235A Datasheet HTML 1Page - Holtek Semiconductor Inc HT6P235A Datasheet HTML 2Page - Holtek Semiconductor Inc HT6P235A Datasheet HTML 3Page - Holtek Semiconductor Inc HT6P235A Datasheet HTML 4Page - Holtek Semiconductor Inc HT6P235A Datasheet HTML 5Page - Holtek Semiconductor Inc HT6P235A Datasheet HTML 6Page - Holtek Semiconductor Inc HT6P235A Datasheet HTML 7Page - Holtek Semiconductor Inc HT6P235A Datasheet HTML 8Page - Holtek Semiconductor Inc HT6P235A Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Rev. 1.00
2
June 07, 2013
HT6P235A/HT6P245A
Block Diagram
Di vi de r
S yst em T im in g
13 .5 6M Hz
Os ci lla to r
Da ta
La tc h
Co nt ro l
U ni t
Co de
Ge ner at io n
En ab le
Co nt ro l
Mi x
Ad dr es s/ Da ta
32 *P LL
Di vi de r
PA
VD D
OP S
CR EF
PAO U T
PVSS
DO U T
VSS
B1
B0
D0
D1
D2
D3
BT S0
BT S1
Pin Assignment
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
NC
B0
BT S1
BT S0
OP S
VD D
VS S
PA OU T
PVSS
NC
CRE F
DO UT
D0
D1
VS S
BT SG S
22A ddr e ss + 2D a ta
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
B1
B0
BT S1
BT S0
OP S
VD D
VS S
PA OU T
PVSS
NC
CR EF
DO UT
D0
D1
D2
D3
24A ddr e ss + 4D a ta
HT 6P 235A
16 NS OP -A
HT 6P 245A
16 NS OP -A



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com