Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT6P235A Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT6P235A
Description  Learning RF Encoder without Crystal
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT6P235A Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT6P235A Datasheet HTML 1Page - Holtek Semiconductor Inc HT6P235A Datasheet HTML 2Page - Holtek Semiconductor Inc HT6P235A Datasheet HTML 3Page - Holtek Semiconductor Inc HT6P235A Datasheet HTML 4Page - Holtek Semiconductor Inc HT6P235A Datasheet HTML 5Page - Holtek Semiconductor Inc HT6P235A Datasheet HTML 6Page - Holtek Semiconductor Inc HT6P235A Datasheet HTML 7Page - Holtek Semiconductor Inc HT6P235A Datasheet HTML 8Page - Holtek Semiconductor Inc HT6P235A Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Rev. 1.00
1
June 07, 2013
Rev. 1.00
PB
June 07, 2013
HT6P235A/HT6P245A
Learning RF Encoder without Crystal
Selection Table
Part No.
VDD
Addr. No.
Data No. Compound
Data No.
Trig.
Frequency
Band
RF Type
Package
HT6P235A 2.5V~3.6V
22
2
1
Data Low
433MHz
ASK TX
16 NSOP
HT6P245A 2.5V~3.6V
24
4
2
Data Low
433MHz
ASK TX
16 NSOP
Features
• Operatingvoltage:2.5V~3.6V
• Averageoperatingcurrent
♦
20mA@VDD=3.0V,12dBm
♦
30mA@VDD=3.0V,16dBm
• Standbycurrent:1.0μA(Max.)@VDD=3V
• Upto4datapins
• 2compounddatatriggerpins
• Upto224addresscodes
• Integrated13.56MHzRCoscillator
• 8bittimeusing2pinselection
• IntegratedUHFtransmitter
• Frequency:433MHz
• SupportsASK/OOKmodulation
• 3outputpowerlevels:12dBm/14dBm/16dBm
usingasinglepinselection
• Minimalexternalcomponents
• Highnoiseimmunity
• 16-PinNSOPpackage
Applications
• Burglaralarmsystems
• Smokeandfirealarmsystems
• Personalalarmsystems
• Car/garagedoorcontrollers
• Home/office/carsecuritysystems
• Otherremotecontrolsystems
General Description
Thedevicesareaseriesofencoderswhichinclude
a fully integrated 433MHzASK transmitter for
remotecontrolsystemapplications.Theyforma
highlyfunctionallyintegrateddeviceserieswhich
canbedescribedastrue“switch-in,antenna-out”
monolithicdevices.Thedevicesencode24or28
bitsofaddressanddatainformationandthenserially
transmitsitviatheirDOUTpinuponreceiptofa
transmissionenablesignalwhichisprovidedbydata
pins,D0~D3orB0~B1.Thedevicesalsoencodethe
addressanddatainformationintoacodedwaveform
whichistransmittedoutontheirPAOUTpinforRF
modulation.Twoareasstandoutforspecialattention,
thoseofpowerdeliveryandoperatingtemperature.
In termsof power, the HT6P2x5Ais capable of
delivering+16dBmintoa50Ωload,apowerlevel
whichenablesasmallformfactortransmitter,suchas
akeyfobtransmitter,tooperateoveralongdistance.
Intermsoftemperature,theHT6P2x5Acanoperate
from-10˚Cto50˚Cwithverylittlefrequencydrift.
Additionallythedevicesareextremelyeasytouse
andhavingafullyintegratedoscillatorrequireonly
aminimumofexternalcomponentstoimplementa
completeandversatiletransmitter.Forlongerdistance
remotecontrol,thedevicesoperatetogetherwithan
ASK/OOK–AmplitudeShiftKeying/On-OffKeyed
–UHFwide-bandsuper-regenerativereceiver.


Similar Part No. - HT6P235A

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT6P237A HOLTEK-HT6P237A Datasheet
1Mb / 10P
Learning RF Encoder
HT6P237A HOLTEK-HT6P237A_14 Datasheet
1Mb / 9P
Learning RF Encoder
November 10, 2014
More results

Similar Description - HT6P235A

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM83100A EMC-EM83100A Datasheet
147Kb / 6P
RF KEYBOARD ENCODER
EM83110A EMC-EM83110A Datasheet
167Kb / 16P
RF KEYBOARD ENCODER
logo
SamHop Microelectronics...
SM5028 SAMHOP-SM5028 Datasheet
45Kb / 8P
RF ENCODER
SM5172 SAMHOP-SM5172 Datasheet
52Kb / 12P
3 RF ENCODER
SM5262B SAMHOP-SM5262B Datasheet
60Kb / 12P
3 RF ENCODER
logo
ELAN Microelectronics C...
EKK6511 EMC-EKK6511 Datasheet
161Kb / 14P
RF Keyboard Encoder
logo
Holtek Semiconductor In...
HT6P237A HOLTEK-HT6P237A Datasheet
1Mb / 10P
Learning RF Encoder
HT6P237A HOLTEK-HT6P237A_14 Datasheet
1Mb / 9P
Learning RF Encoder
November 10, 2014
HT6P427A HOLTEK-HT6P427A Datasheet
1Mb / 9P
Learning RF Encoder with Crystal SOC
December 19, 2014
logo
Zilog, Inc.
ZRCBULT0120KITG ZILOG-ZRCBULT0120KITG Datasheet
170Kb / 3P
Microcontroller 1?밡orth American library without learning
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com