Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT6P235A Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT6P235A
Description  Learning RF Encoder without Crystal
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT6P235A Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT6P235A Datasheet HTML 1Page - Holtek Semiconductor Inc HT6P235A Datasheet HTML 2Page - Holtek Semiconductor Inc HT6P235A Datasheet HTML 3Page - Holtek Semiconductor Inc HT6P235A Datasheet HTML 4Page - Holtek Semiconductor Inc HT6P235A Datasheet HTML 5Page - Holtek Semiconductor Inc HT6P235A Datasheet HTML 6Page - Holtek Semiconductor Inc HT6P235A Datasheet HTML 7Page - Holtek Semiconductor Inc HT6P235A Datasheet HTML 8Page - Holtek Semiconductor Inc HT6P235A Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Rev. 1.00
3
June 07, 2013
HT6P235A/HT6P245A
Pin Description
Pin No.
Pin Name
I/O
Internal
Connection
Description
1~2
B1~B0
I
CMOS IN
Compound pins. B0 is for D0 and D3 while B1 is for D1 and D2 in
the HT6P245A/devices
B0 is for D0 and D1 in the HT6P235A
3~4
BTS1~BTS0
I
CMOS IN
Bit Time Select Pins. Externally set to VDD, Ground or floating
to provide eight bit width selections as shown in the functional
description section.
5
OPS
I
CMOS IN
Output Power Select pin. Externally set to VDD, Ground or floating
to provide three power output selections
VDD: 16dBm, Floating: 14dBm, GND: 12dBm
6
VDD
P
—
Positive power supply
7
VSS
P
—
Negative power supply, ground
8
PAOUT
O Power Amplifier
Output
It should be combine with external matching circuit
9
PVSS
P
—
RF negative power supply, ground
10
NC
—
—
—
11
CREF
O
CMOS OUT
For Test Mode only
12
DOUT
O
CMOS OUT
Data output pin
13~16 D0~D3
I
CMOS IN
Data input and transmission enable active low.
Pin 15 should be connected to ground in HT6P235A
16
BTSGS
HT6P235A only I
CMOS IN
Bit time group select,
0: Bit time group 1
1: Bit time group 2
as shown in the functional description section.
This pin must be tied either high or low and not be allowed to float
Approximate Internal Connections
V DD
CM OS IN /O UT
CM OS O UT
CM OS IN P ul l- hi gh



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com