Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT6P235A Datasheet(PDF) 4 Page - Holtek Semiconductor Inc

Part # HT6P235A
Description  Learning RF Encoder without Crystal
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT6P235A Datasheet(HTML) 4 Page - Holtek Semiconductor Inc

  HT6P235A Datasheet HTML 1Page - Holtek Semiconductor Inc HT6P235A Datasheet HTML 2Page - Holtek Semiconductor Inc HT6P235A Datasheet HTML 3Page - Holtek Semiconductor Inc HT6P235A Datasheet HTML 4Page - Holtek Semiconductor Inc HT6P235A Datasheet HTML 5Page - Holtek Semiconductor Inc HT6P235A Datasheet HTML 6Page - Holtek Semiconductor Inc HT6P235A Datasheet HTML 7Page - Holtek Semiconductor Inc HT6P235A Datasheet HTML 8Page - Holtek Semiconductor Inc HT6P235A Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Rev. 1.00
4
June 07, 2013
HT6P235A/HT6P245A
Absolute Maximum Ratings
LogicSupplyVoltage..………VSS-0.3VtoVSS+3.6V
LogicInputVoltage………….VSS-0.3VtoVDD+0.3V
LogicOutputVoltage…………VSS-0.3VtoVDD+0.3V
StorageTemperature....………………-55˚Cto150˚C
OperatingTemperature...………………-10˚Cto50˚C
Note:Thesearestressratingsonly.Stressesexceedingtherangespecifiedunder”AbsoluteMaximumRatings”
maycausesubstantialdamagetothedevice.Functionaloperationofthisdeviceatotherconditionsbeyond
thoselistedinthespecificationisnotimpliedandprolongedexposuretoextremeconditionsmayaffect
devicereliability.
D.C. Characteristics
Ta=25°C
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VDD
Condition
VDD
Logic Supply Voltage
—
—
2.5
3.0
3.6
V
ISB
Stand-by current
3
No load. Input pins floating
—
—
1.0
μA
VIH
“H” Input Voltage
—
—
0.8VDD
—
—
V
VIL
“L” Input Voltage
—
—
—
—
0.2VDD
V
RPL
Pull-high Resistance
3
D0~D3, B0~B1
—
500
—
kΩ
IOH
Hi-level output current
3
VOH=0.9VDD; DOUT
—
-7
—
mA
IOL
Low-level output current
3
VOL=0.1VDD; DOUT
—
2
—
mA
R.F. Characteristics
Specifications apply for Ta=25°C, Freq 433MHz unless otherwise noted. RL 50Ω load (matched)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
VDD
Conditions
I1
Average Data Current*
50% duty cycle data
3V
@ 433MHz, POUT=+16dBm
—
25
—
mA
@ 433MHz, POUT=+12dBm
15
I0
Data LOW current
3V
—
—
6
—
mA
RF and Crystal
—
Output power level
3V
OPS
0
—
12
—
dBm
Floating
—
14
—
1
—
16
—
fHIRC
13.56MHz Internal RC Oscillator 3V
—
-0.5% 13.56 +0.5% MHz
—
Extinction ratio for ASK 10Kbps 3V
—
—
70
—
dBc
—
Output Blanking
3V STDBY transition from Low to High
—
500
—
μs
—
ASK to RF Out Response Time 3V
Delta between ASK Input Transition
from Low to High to RF Output
Transition from Low to High
—
1
—
μs
Note:ItisrecommendedthattheVDDpoweronrisetimeshouldbelessthan500ustoallowthedevicetopower
upnormallyandstartnormaloperation.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com