Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7FLITE25F1B6 Datasheet(PDF) 86 Page - STMicroelectronics

Part # ST7FLITE25F1B6
Description  8-bit microcontroller with single voltage Flash memory, data EEPROM, ADC, Timers, SPI
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FLITE25F1B6 Datasheet(HTML) 86 Page - STMicroelectronics

Back Button ST7FLITE25F1B6 Datasheet HTML 82Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 83Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 84Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 85Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 86Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 87Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 88Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 89Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 90Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 166 page
background image
On-chip peripherals
ST7LITE20F2 ST7LITE25F2 ST7LITE29F2
86/166
Doc ID 8349 Rev 5
Figure 40. Lite timer 2 block diagram
11.3.3
Functional description
Timebase counter 1
The 8-bit value of Counter 1 cannot be read or written by software. After an MCU reset, it
starts incrementing from 0 at a frequency of fOSC/32. An overflow event occurs when the
counter rolls over from F9h to 00h. If fOSC = 8 MHz, then the time period between two
counter overflow events is 1 ms. This period can be doubled by setting the TB bit in the
LTCSR1 register.
When Counter 1 overflows, the TB1F bit is set by hardware and an interrupt request is
generated if the TB1IE bit is set. The TB1F bit is cleared by software reading the LTCSR1
register.
Input capture
The 8-bit input capture register is used to latch the free-running upcounter (Counter 1) 1
after a rising or falling edge is detected on the LTIC pin. When an input capture occurs, the
ICF bit is set and the LTICR1 register contains the MSB of Counter 1. An interrupt is
generated if the ICIE bit is set. The ICF bit is cleared by reading the LTICR register.
LTCSR1
8-bit timebase
/2
8-bit
fLTIMER
8
LTIC
fOSC/32
TB1F
TB1IE
TB
ICF
ICIE
LTTB1 interrupt request
LTIC interrupt request
LTICR
Input capture
register
1
0
1 or 2 ms
Timebase
(@ 8MHz
fOSC)
To 12-bit AT TImer
fLTIMER
LTCSR2
TB2F
0
TB2IE
0
LTTB2
8-bit timebase
0
0
8-bit autoreload
register
8
LTCNTR
LTARR
counter 2
counter 1
0
0
Interrupt request



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com