Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7FLITE25F1B6 Datasheet(PDF) 27 Page - STMicroelectronics

Part # ST7FLITE25F1B6
Description  8-bit microcontroller with single voltage Flash memory, data EEPROM, ADC, Timers, SPI
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FLITE25F1B6 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button ST7FLITE25F1B6 Datasheet HTML 23Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 24Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 25Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 26Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 27Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 28Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 29Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 30Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 166 page
background image
ST7LITE20F2 ST7LITE25F2 ST7LITE29F2
Data EEPROM
Doc ID 8349 Rev 5
27/166
5.6
Data EEPROM Read-out protection
The Read-out protection is enabled through an option bit (see Section 15.1: Option bytes).
When this option is selected, the programs and data stored in the EEPROM memory are
protected against Read-out (including a re-write protection). In Flash devices, when this
protection is removed by reprogramming the Option Byte, the entire Program memory and
EEPROM is first automatically erased.
Note:
Both Program Memory and DATA EEPROM are protected using the same option bit.
Figure 9.
Data EEPROM programming cycle
5.7
Register description
EEPROM Control/Status register (EECSR)
Read/Write
Reset Value: 0000 0000 (00h)
Bits 7:2 = Reserved, forced by hardware to 0.
Bit 1 =
E2LAT Latch Access Transfer
This bit is set by software. It is cleared by hardware at the end of the programming
cycle. It can only be cleared by software if the E2PGM bit is cleared.
0: Read mode
1: Write mode
Bit 0 =
E2PGM Programming control and status
This bit is set by software to begin the programming cycle. At the end of the
programming cycle, this bit is cleared by hardware.
0: Programming finished or not yet started
1: Programming cycle is in progress
Note:
If the E2PGM bit is cleared during the programming cycle, the memory data is not
guaranteed.
LAT
Erase cycle
Write cycle
PGM
tPROG
Read operation not possible
Write of
data latches
Read operation possible
Internal
programming
voltage
7
0
00
0000
E2LAT
E2PGM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com