Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7FLITE25F1B6 Datasheet(PDF) 20 Page - STMicroelectronics

Part # ST7FLITE25F1B6
Description  8-bit microcontroller with single voltage Flash memory, data EEPROM, ADC, Timers, SPI
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FLITE25F1B6 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button ST7FLITE25F1B6 Datasheet HTML 16Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 17Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 18Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 19Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 20Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 21Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 22Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 23Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 166 page
background image
Flash program memory
ST7LITE20F2 ST7LITE25F2 ST7LITE29F2
20/166
Doc ID 8349 Rev 5
4
Flash program memory
4.1
Introduction
The ST7 single voltage extended Flash (XFlash) is a non-volatile memory that can be
electrically erased and programmed either on a byte-by-byte basis or up to 32 bytes in
parallel.
The XFlash devices can be programmed off-board (plugged in a programming tool) or on-
board using in-circuit programming or in-application programming.
The array matrix organization allows each sector to be erased and reprogrammed without
affecting other sectors.
4.2
Main features
ICP (in-circuit programming)
IAP (in-application programming)
ICT (in-circuit testing) for downloading and executing user application test patterns in
RAM
Sector 0 size configurable by option byte
Read-out and write protection
4.3
Programming modes
The ST7 can be programmed in three different ways:
Insertion in a programming tool. In this mode, Flash sectors 0 and 1, option byte row
and data EEPROM (if present) can be programmed or erased.
In-circuit programming. In this mode, Flash sectors 0 and 1, option byte row and data
EEPROM (if present) can be programmed or erased without removing the device from
the application board.
In-application programming. In this mode, sector 1 and data EEPROM (if present) can
be programmed or erased without removing the device from the application board and
while the application is running.
4.3.1
In-circuit programming (ICP)
ICP uses a protocol called ICC (in-circuit communication) which allows an ST7 plugged on a
printed circuit board (PCB) to communicate with an external programming device connected
via cable. ICP is performed in three steps:
1.
Switch the ST7 to ICC mode (in-circuit communications). This is done by driving a
specific signal sequence on the ICCCLK/DATA pins while the RESET pin is pulled low.
When the ST7 enters ICC mode, it fetches a specific RESET vector which points to the
ST7 System Memory containing the ICC protocol routine. This routine enables the ST7
to receive bytes from the ICC interface.
2.
Download ICP driver code in RAM from the ICCDATA pin.
3.
Execute ICP driver code in RAM to program the Flash memory.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com