Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7FLITE25F1B6 Datasheet(PDF) 40 Page - STMicroelectronics

Part # ST7FLITE25F1B6
Description  8-bit microcontroller with single voltage Flash memory, data EEPROM, ADC, Timers, SPI
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FLITE25F1B6 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button ST7FLITE25F1B6 Datasheet HTML 36Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 37Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 38Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 39Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 40Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 41Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 42Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 43Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 166 page
background image
Supply, reset and clock management
ST7LITE20F2 ST7LITE25F2 ST7LITE29F2
40/166
Doc ID 8349 Rev 5
7.5.5
Internal watchdog RESET
The RESET sequence generated by a internal Watchdog counter overflow is shown in
Figure 16.
Starting from the Watchdog counter underflow, the device RESET pin acts as an output that
is pulled low during at least tw(RSTL)out.
Figure 16. RESET sequences
7.6
System integrity management (SI)
The system integrity management block contains the low voltage detector (LVD) and
auxiliary voltage detector (AVD) functions. It is managed by the SICSR register.
Note:
A reset can also be triggered following the detection of an illegal opcode or prebyte code.
Refer to Section 12.2.1: Illegal opcode reset for further details.
7.6.1
Low voltage detector (LVD)
The low voltage detector function (LVD) generates a static reset when the VDD supply
voltage is below a VIT-(LVD) reference value. This means that it secures the power-up as well
as the power-down keeping the ST7 in reset.
The VIT-(LVD) reference value for a voltage drop is lower than the VIT+(LVD) reference value
for power-on in order to avoid a parasitic reset when the MCU starts running and sinks
current on the supply (hysteresis).
VDD
Run
RESET PIN
External
Watchdog
Active phase
VIT+(LVD)
VIT-(LVD)
th(RSTL)in
Run
Watchdog underflow
tw(RSTL)out
Run
Run
RESET
RESET
SOURCE
External
RESET
LVD
RESET
Watchdog
RESET
Internal RESET (256 or 4096 TCPU)
Vector fetch
Active
phase
Active
phase



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com