Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7FLITE25F1B6 Datasheet(PDF) 41 Page - STMicroelectronics

Part # ST7FLITE25F1B6
Description  8-bit microcontroller with single voltage Flash memory, data EEPROM, ADC, Timers, SPI
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FLITE25F1B6 Datasheet(HTML) 41 Page - STMicroelectronics

Back Button ST7FLITE25F1B6 Datasheet HTML 37Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 38Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 39Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 40Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 41Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 42Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 43Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 44Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 166 page
background image
ST7LITE20F2 ST7LITE25F2 ST7LITE29F2
Supply, reset and clock management
Doc ID 8349 Rev 5
41/166
The LVD Reset circuitry generates a reset when VDD is below:
VIT+(LVD)when VDD is rising
VIT-(LVD) when VDD is falling.
The LVD function is illustrated in Figure 17.
The voltage threshold can be configured by option byte to be low, medium or high.
Provided the minimum VDD value (guaranteed for the oscillator frequency) is above
VIT-(LVD), the MCU can only be in two modes:
under full software control
in static safe reset.
In these conditions, secure operation is always ensured for the application without the need
for external reset hardware.
During a Low Voltage Detector Reset, the RESET pin is held low, thus permitting the MCU
to reset other devices.
Note:
The LVD allows the device to be used without any external RESET circuitry.
The LVD is an optional function which can be selected by option byte.
Use of LVD with capacitive power supply: with this type of power supply, if power cuts occur
in the application, it is recommended to pull VDD down to 0V to ensure optimum restart
conditions. Refer to circuit example in Figure 84: RESET pin protection when LVD is
enabled
It is recommended to make sure that the VDD supply voltage rises monotonously when the
device is exiting from Reset, to ensure the application functions properly.
Figure 17. Low voltage detector vs. Reset
VDD
VIT+(LVD)
RESET
VIT-(LVD)
Vhys



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com