Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7FLITE20F2B6 Datasheet(PDF) 80 Page - STMicroelectronics

Part # ST7FLITE20F2B6
Description  8-bit microcontroller with single voltage Flash memory, data EEPROM, ADC, Timers, SPI
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FLITE20F2B6 Datasheet(HTML) 80 Page - STMicroelectronics

Back Button ST7FLITE20F2B6 Datasheet HTML 76Page - STMicroelectronics ST7FLITE20F2B6 Datasheet HTML 77Page - STMicroelectronics ST7FLITE20F2B6 Datasheet HTML 78Page - STMicroelectronics ST7FLITE20F2B6 Datasheet HTML 79Page - STMicroelectronics ST7FLITE20F2B6 Datasheet HTML 80Page - STMicroelectronics ST7FLITE20F2B6 Datasheet HTML 81Page - STMicroelectronics ST7FLITE20F2B6 Datasheet HTML 82Page - STMicroelectronics ST7FLITE20F2B6 Datasheet HTML 83Page - STMicroelectronics ST7FLITE20F2B6 Datasheet HTML 84Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 166 page
background image
On-chip peripherals
ST7LITE20F2 ST7LITE25F2 ST7LITE29F2
80/166
Doc ID 8349 Rev 5
to mask the interrupt generated when the CMPF bit is set.
0: CMPF interrupt disabled.
1: CMPF interrupt enabled.
Counter register high (CNTRH)
Read only
Reset value: 0000 0000 (000h)
Counter register low (CNTRL)
Read only
Reset value: 0000 0000 (000h)
●
Bits 15:12 = Reserved
●
Bits 11:0 =
CNTR[11:0] Counter value
This 12-bit register is read by software and cleared by hardware after a reset. The
counter is incremented continuously as soon as a counter clock is selected. To obtain
the 12-bit value, software should read the counter value in two consecutive read
operations, LSB first. When a counter overflow occurs, the counter restarts from the
value specified in the ATR register.
Autoreload register (ATRH)
Read / Write
Reset Value: 0000 0000 (00h)
●
Bits 15:12 = Reserved
●
Bits 11:0 =
ATR[11:0] Counter value
This 12-bit register is read by software and cleared by hardware after a reset. The
counter is incremented continuously as soon as a counter clock is selected. To obtain
the 12-bit value, software should read the counter value in two consecutive read
operations, LSB first. When a counter overflow occurs, the counter restarts from the
value specified in the ATR register.
15
8
0
0
0
0
CNTR11
CNTR10
CNTR9
CNTR8
7
0
CNTR7
CNTR6
CNTR5
CNTR4
CNTR3
CNTR2
CNTR1
CNTR0
15
8
0
0
0
0
ATR11
ATR10
ATR9
ATR8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com