Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7FLITE20F2B6 Datasheet(PDF) 43 Page - STMicroelectronics

Part # ST7FLITE20F2B6
Description  8-bit microcontroller with single voltage Flash memory, data EEPROM, ADC, Timers, SPI
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FLITE20F2B6 Datasheet(HTML) 43 Page - STMicroelectronics

Back Button ST7FLITE20F2B6 Datasheet HTML 39Page - STMicroelectronics ST7FLITE20F2B6 Datasheet HTML 40Page - STMicroelectronics ST7FLITE20F2B6 Datasheet HTML 41Page - STMicroelectronics ST7FLITE20F2B6 Datasheet HTML 42Page - STMicroelectronics ST7FLITE20F2B6 Datasheet HTML 43Page - STMicroelectronics ST7FLITE20F2B6 Datasheet HTML 44Page - STMicroelectronics ST7FLITE20F2B6 Datasheet HTML 45Page - STMicroelectronics ST7FLITE20F2B6 Datasheet HTML 46Page - STMicroelectronics ST7FLITE20F2B6 Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 166 page
background image
ST7LITE20F2 ST7LITE25F2 ST7LITE29F2
Supply, reset and clock management
Doc ID 8349 Rev 5
43/166
Figure 19. Using the AVD to monitor VDD
7.6.3
Low power modes
Interrupts
The AVD interrupt event generates an interrupt if the corresponding enable control bit
(AVDIE) is set and the interrupt mask in the CC register is reset (RIM instruction).
VDD
VIT+(AVD)
VIT-(AVD)
AVDF bit
01
RESET
if AVDIE bit = 1
Vhyst
AVD interrupt
request
Interrupt cleared by
VIT+(LVD)
VIT-(LVD)
LVD RESET
Early warning interrupt
(Power has dropped, MCU not
not yet in reset)
0
1
hardware
Interrupt cleared by
reset
Table 9.
Effect of low power modes on SI
Mode
Description
WAIT
No effect on SI. AVD interrupts cause the device to exit from WAIT mode.
HALT
The SICSR register is frozen. The AVD remains active.
Table 10.
Interrupt control bits
Interrupt event
Event flag
Enable control bit
Exit from Wait
Exit from Halt
AVD event
AVDF
AVDIE
Yes
No



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com