Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7FLITE20F2B6 Datasheet(PDF) 22 Page - STMicroelectronics

Part # ST7FLITE20F2B6
Description  8-bit microcontroller with single voltage Flash memory, data EEPROM, ADC, Timers, SPI
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FLITE20F2B6 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button ST7FLITE20F2B6 Datasheet HTML 18Page - STMicroelectronics ST7FLITE20F2B6 Datasheet HTML 19Page - STMicroelectronics ST7FLITE20F2B6 Datasheet HTML 20Page - STMicroelectronics ST7FLITE20F2B6 Datasheet HTML 21Page - STMicroelectronics ST7FLITE20F2B6 Datasheet HTML 22Page - STMicroelectronics ST7FLITE20F2B6 Datasheet HTML 23Page - STMicroelectronics ST7FLITE20F2B6 Datasheet HTML 24Page - STMicroelectronics ST7FLITE20F2B6 Datasheet HTML 25Page - STMicroelectronics ST7FLITE20F2B6 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 166 page
background image
Flash program memory
ST7LITE20F2 ST7LITE25F2 ST7LITE29F2
22/166
Doc ID 8349 Rev 5
Caution:
During normal operation the ICCCLK pin must be pulled up, internally or externally (external
pull-up of 10k mandatory in noisy environment). This is to avoid entering ICC mode
unexpectedly during a reset. In the application, even if the pin is configured as output, any
reset will put it back in input pull-up.
Figure 5.
Typical ICC interface
4.5
Memory protection
There are two different types of memory protection: Read-Out Protection and Write/Erase
Protection which can be applied individually.
4.5.1
Read-out protection
Read-out protection, when selected provides a protection against program memory content
extraction and against write access to Flash memory. Even if no protection can be
considered as totally unbreakable, the feature provides a very high level of protection for a
general purpose microcontroller. Both program and data E2 memory are protected.
In flash devices, this protection is removed by reprogramming the option. In this case, both
program and data E2 memory are automatically erased and the device can be
reprogrammed.
Read-out protection selection depends on the device type:
●
In Flash devices it is enabled and removed through the FMP_R bit in the option byte.
●
In ROM devices it is enabled by mask option specified in the Option List.
4.5.2
Flash write/erase protection
Write/erase protection, when set, makes it impossible to both overwrite and erase program
memory. It does not apply to E2 data. Its purpose is to provide advanced security to
applications and prevent any change being made to the memory content.
Caution:
Once set, Write/erase protection can never be removed. A write-protected flash device is no
longer reprogrammable.
ICC connector
HE10 connector type
Application
power supply
1
2
4
6
8
10
97
5
3
Programming tool
ICC connector
Application board
ICC Cable
ST7
Optional
Application
reset source
Application
I/O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com