Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7FLITE20F2B6 Datasheet(PDF) 33 Page - STMicroelectronics

Part # ST7FLITE20F2B6
Description  8-bit microcontroller with single voltage Flash memory, data EEPROM, ADC, Timers, SPI
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FLITE20F2B6 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button ST7FLITE20F2B6 Datasheet HTML 29Page - STMicroelectronics ST7FLITE20F2B6 Datasheet HTML 30Page - STMicroelectronics ST7FLITE20F2B6 Datasheet HTML 31Page - STMicroelectronics ST7FLITE20F2B6 Datasheet HTML 32Page - STMicroelectronics ST7FLITE20F2B6 Datasheet HTML 33Page - STMicroelectronics ST7FLITE20F2B6 Datasheet HTML 34Page - STMicroelectronics ST7FLITE20F2B6 Datasheet HTML 35Page - STMicroelectronics ST7FLITE20F2B6 Datasheet HTML 36Page - STMicroelectronics ST7FLITE20F2B6 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 166 page
background image
ST7LITE20F2 ST7LITE25F2 ST7LITE29F2
Supply, reset and clock management
Doc ID 8349 Rev 5
33/166
7
Supply, reset and clock management
The device includes a range of utility features for securing the application in critical
situations (for example in case of a power brown-out), and reducing the number of external
components.
Main features
●
Clock management
–
1 MHz internal RC oscillator (enabled by option byte, available on ST7LITE25 and
ST7LITE29 devices only)
–
1 to 16 MHz or 32kHz External crystal/ceramic resonator (selected by option byte)
–
External Clock Input (enabled by option byte)
–
PLL for multiplying the frequency by 8 or 4 (enabled by option byte)
–
For clock ART counter only: PLL32 for multiplying the 8 MHz frequency by 4
(enabled by option byte). The 8 MHz input frequency is mandatory and can be
obtained in the following ways:
. 1 MHz RC + PLLx8
. 16 MHz external clock (internally divided by 2)
. 2 MHz external clock (internally divided by 2) + PLLx8
. Crystal oscillator with 16 MHz output frequency (internally divided by 2).
●
Reset Sequence Manager (RSM)
●
System Integrity Management (SI)
–
Main supply Low Voltage Detection (LVD) with reset generation (enabled by option
byte)
–
Auxiliary Voltage Detector (AVD) with interrupt capability for monitoring the main
supply (enabled by option byte).
7.1
Internal RC oscillator adjustment
The device contains an internal RC oscillator with an accuracy of 1% for a given device,
temperature and voltage range (4.5 V - 5.5 V). It must be calibrated to obtain the frequency
required in the application. This is done by software writing a calibration value in the RCCR
(RC Control Register).
Whenever the microcontroller is reset, the RCCR returns to its default value (FFh), i.e. each
time the device is reset, the calibration value must be loaded in the RCCR. Predefined
calibration values are stored in EEPROM for 3 and 5 V VDD supply voltages at 25 °C, as
shown in Table 6.
Table 6.
Predefined calibration values
RCCR
Conditions
ST7LITE29
address
ST7LITE25
address
RCCR0
VDD = 5 V, TA = 25 °C, fRC = 1 MHz
1000h and FFDEh
FFDEh
RCCR1
VDD = 3 V, TA = 25 °C, fRC = 700 kHz
1001h and FFDFh
FFDFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com