Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7FLITE20F2B6 Datasheet(PDF) 42 Page - STMicroelectronics

Part # ST7FLITE20F2B6
Description  8-bit microcontroller with single voltage Flash memory, data EEPROM, ADC, Timers, SPI
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FLITE20F2B6 Datasheet(HTML) 42 Page - STMicroelectronics

Back Button ST7FLITE20F2B6 Datasheet HTML 38Page - STMicroelectronics ST7FLITE20F2B6 Datasheet HTML 39Page - STMicroelectronics ST7FLITE20F2B6 Datasheet HTML 40Page - STMicroelectronics ST7FLITE20F2B6 Datasheet HTML 41Page - STMicroelectronics ST7FLITE20F2B6 Datasheet HTML 42Page - STMicroelectronics ST7FLITE20F2B6 Datasheet HTML 43Page - STMicroelectronics ST7FLITE20F2B6 Datasheet HTML 44Page - STMicroelectronics ST7FLITE20F2B6 Datasheet HTML 45Page - STMicroelectronics ST7FLITE20F2B6 Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 166 page
background image
Supply, reset and clock management
ST7LITE20F2 ST7LITE25F2 ST7LITE29F2
42/166
Doc ID 8349 Rev 5
Figure 18. Reset and supply management block diagram
7.6.2
Auxiliary Voltage Detector (AVD)
The voltage detector function (AVD) is based on an analog comparison between a VIT-(AVD)
and VIT+(AVD) reference value and the VDD main supply voltage (VAVD). The VIT-(AVD)
reference value for falling voltage is lower than the VIT+(AVD) reference value for rising
voltage in order to avoid parasitic detection (hysteresis).
The output of the AVD comparator is directly readable by the application software through a
real time status bit (AVDF) in the SICSR register. This bit is read only.
Note:
The AVD functions only if the LVD is enabled through the option byte.
Monitoring the VDD main supply
The AVD voltage threshold value is relative to the selected LVD threshold configured by
option byte (see Section 15.1: Option bytes).
If the AVD interrupt is enabled, an interrupt is generated when the voltage crosses the
VIT+(LVD) or VIT-(AVD) threshold (AVDF bit is set).
In the case of a drop in voltage, the AVD interrupt acts as an early warning, allowing
software to shut down safely before the LVD resets the microcontroller (See Figure 19:
Using the AVD to monitor VDD).
Low voltage
detector
(LVD)
Auxiliary voltage
detector
(AVD)
RESET
VSS
VDD
Reset sequence
manager
(RSM)
AVD interrupt request
System integrity management
Watchdog
SICSR
timer (WDG)
AVDIE
AVDF
STATUS FLAG
0
0
LVDRF
LOCKED
WDGRF
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com