Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP86FS49FG Datasheet(PDF) 13 Page - Toshiba Semiconductor

Part # TMP86FS49FG
Description  8 Bit Microcontroller
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS49FG Datasheet(HTML) 13 Page - Toshiba Semiconductor

Back Button TMP86FS49FG Datasheet HTML 9Page - Toshiba Semiconductor TMP86FS49FG Datasheet HTML 10Page - Toshiba Semiconductor TMP86FS49FG Datasheet HTML 11Page - Toshiba Semiconductor TMP86FS49FG Datasheet HTML 12Page - Toshiba Semiconductor TMP86FS49FG Datasheet HTML 13Page - Toshiba Semiconductor TMP86FS49FG Datasheet HTML 14Page - Toshiba Semiconductor TMP86FS49FG Datasheet HTML 15Page - Toshiba Semiconductor TMP86FS49FG Datasheet HTML 16Page - Toshiba Semiconductor TMP86FS49FG Datasheet HTML 17Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 42 page
background image
Page 11
TMP86FS49FG
2.2.1 Clock Generator
The clock generator generates the basic clock which provides the system clocks supplied to the CPU core
and peripheral hardware. It contains two oscillation circuits: One for the high-frequency clock and one for the
low-frequency clock. Power consumption can be reduced by switching of the standby controller to low-power
operation based on the low-frequency clock.
The high-frequency (fc) clocks and low-frequency (fs) clock can easily be obtained by connecting a resona-
tor between the XIN/XOUT and XTIN/XTOUT pins respectively. Clock input from an external oscillator is
also possible. In this case, external clock is applied to XIN/XTIN pin with XOUT/XTOUT pin not connected.
Figure 2-3 Examples of Resonator Connection
Note:The function to monitor the basic clock directly at external is not provided for hardware, however, with dis-
abling all interrupts and watchdog timers, the oscillation frequency can be adjusted by monitoring the pulse
which the fixed frequency is outputted to the port by the program.
The system to require the adjustment of the oscillation frequency should create the program for the adjust-
ment in advance.
2.2.2 Timing Generator
The timing generator generates the various system clocks supplied to the CPU core and peripheral hardware
from the basic clock (fc or fs). The timing generator provides the following functions.
1. Generation of main system clock
2. Generation of divider output (DVO) pulses
3. Generation of source clocks for time base timer
4. Generation of source clocks for watchdog timer
5. Generation of internal source clocks for timer/counters
6. Generation of warm-up clocks for releasing STOP mode
2.2.2.1 Configuration of timing generator
The timing generator consists of a 2-stage prescaler, a 21-stage divider, a main system clock generator,
and machine cycle counters.
An input clock to the 7th stage of the divider depends on the operating mode, DV7CK (Bit4 in
TBTCR), that is shown in Figure 1-5. As reset and STOP mode started/canceled, the prescaler and the
divider are cleared to “0”.
XOUT
XIN
(Open)
XOUT
XIN
XTOUT
XTIN
(Open)
XTOUT
XTIN
(a) Crystal/Ceramic
resonator
(b) External oscillator
(c) Crystal
(d) External oscillator
High-frequency clock
Low-frequency clock
TENTATIVE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com