Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP86FS49FG Datasheet(PDF) 23 Page - Toshiba Semiconductor

Part # TMP86FS49FG
Description  8 Bit Microcontroller
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS49FG Datasheet(HTML) 23 Page - Toshiba Semiconductor

Back Button TMP86FS49FG Datasheet HTML 19Page - Toshiba Semiconductor TMP86FS49FG Datasheet HTML 20Page - Toshiba Semiconductor TMP86FS49FG Datasheet HTML 21Page - Toshiba Semiconductor TMP86FS49FG Datasheet HTML 22Page - Toshiba Semiconductor TMP86FS49FG Datasheet HTML 23Page - Toshiba Semiconductor TMP86FS49FG Datasheet HTML 24Page - Toshiba Semiconductor TMP86FS49FG Datasheet HTML 25Page - Toshiba Semiconductor TMP86FS49FG Datasheet HTML 26Page - Toshiba Semiconductor TMP86FS49FG Datasheet HTML 27Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 42 page
background image
Page 21
TMP86FS49FG
2.2.4.2 IDLE1/2 mode and SLEEP1/2 mode
IDLE1/2 and SLEEP1/2 modes are controlled by the system control register 2 (SYSCR2) and maskable
interrupts. The following status is maintained during these modes.
1. Operation of the CPU and watchdog timer (WDT) is halted. On-chip peripherals continue to
operate.
2. The data memory, CPU registers, program status word and port output latches are all held in the
status in effect before these modes were entered.
3. The program counter holds the address 2 ahead of the instruction which starts these modes.
Figure 2-10 IDLE1/2 and SLEEP1/2 Modes
(1) Start the IDLE1/2 and SLEEP1/2 modes
When IDLE1/2 and SLEEP1/2 modes start, set SYSCR2<IDLE> to “1”. After IMF is set to "0",
set the individual interrupt enable flag (EF) which releases IDLE1/2 and SLEEP1/2.
(2) Release the IDLE1/2 and SLEEP1/2 modes
IDLE1/2 and SLEEP1/2 modes include a normal release mode and an interrupt release mode.
These modes are selected by interrupt master enable flag (IMF). After releasing IDLE1/2 and
SLEEP1/2 modes, the SYSCR2<IDLE> is automatically cleared to “0” and the operation mode is
returned to the mode preceding IDLE1/2 and SLEEP1/2 modes.
IDLE1/2 and SLEEP1/2 modes can also be released by inputting low level on the RESET pin. After
releasing reset, the operation mode is started from NORMAL1 mode.
Reset
Reset input
No
Yes (Interrupt release mode)
Yes
No
No
Starting IDLE1/2
and SLEEP1/2 modes
by instruction
CPU and WDT are halted
Interrupt request
IMF = 1
Interrupt processing
Execution of the
instruction which follows
the IDLE1/2 and SLEEP1/2
modes start instruction
Normal
release mode
Yes
TENTATIVE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com