Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP86FS49FG Datasheet(PDF) 21 Page - Toshiba Semiconductor

Part # TMP86FS49FG
Description  8 Bit Microcontroller
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS49FG Datasheet(HTML) 21 Page - Toshiba Semiconductor

Back Button TMP86FS49FG Datasheet HTML 17Page - Toshiba Semiconductor TMP86FS49FG Datasheet HTML 18Page - Toshiba Semiconductor TMP86FS49FG Datasheet HTML 19Page - Toshiba Semiconductor TMP86FS49FG Datasheet HTML 20Page - Toshiba Semiconductor TMP86FS49FG Datasheet HTML 21Page - Toshiba Semiconductor TMP86FS49FG Datasheet HTML 22Page - Toshiba Semiconductor TMP86FS49FG Datasheet HTML 23Page - Toshiba Semiconductor TMP86FS49FG Datasheet HTML 24Page - Toshiba Semiconductor TMP86FS49FG Datasheet HTML 25Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 42 page
background image
Page 19
TMP86FS49FG
Figure 2-8 Edge-sensitive Release Mode
STOP mode is released by the following sequence.
1. In the dual-clock mode, when returning to NORMAL2, both the high-frequency and low-
frequency clock oscillators are turned on; when returning to SLOW1 mode, only the low-
frequency clock oscillator is turned on. In the single-clock mode, only the high-frequency
clock oscillator is turned on.
2. A warm-up period is inserted to allow oscillation time to stabilize. During warm up, all
internal operations remain halted. Four different warm-up times can be selected with the
WUT (Bits 2 and 3 in SYSCR1) in accordance with the resonator characteristics.
3. When the warm-up time has elapsed, normal operation resumes with the instruction follow-
ing the STOP mode start instruction. The start is made after the prescaler and the divider of
the timing generator are cleared to “0”.
Note: The warm-up time is obtained by dividing the basic clock by the divider. Therefore, the warm-up
time may include a certain amount of error if there is any fluctuation of the oscillation frequency
when STOP mode is released. Thus, the warm-up time must be considered as an approximate
value.
STOP mode can also be released by inputting low level on the RESET pin, which immediately per-
forms the normal reset operation.
Note: When STOP mode is released with a low hold voltage, the following cautions must be observed.
The power supply voltage must be at the operating voltage level before releasing STOP mode.
The RESET pin input must also be “H” level, rising together with the power supply voltage. In this
case, if an external time constant circuit has been connected, the RESET pin input voltage will
increase at a slower pace than the power supply voltage. At this time, there is a danger that a
reset may occur if input voltage level of the RESET pin drops below the non-inverting high-level
input voltage (Hysteresis input).
Table 2-1 Warm-up Time Example (at fc = 16.0 MHz, fs = 32.768 kHz)
WUT
Warm-up Time [ms]
Return to NORMAL Mode
Return to SLOW Mode
00
12.288
750
01
4.096
250
10
3.072
5.85
11
1.024
1.95
NORMAL
operation
NORMAL
operation
VIH
STOP mode is released by the hardware at the rising
edge of STOP pin input.
Warm up
STOP mode started
by the program.
STOP
operation
STOP
operation
STOP pin
XOUT pin
TENTATIVE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com