Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP86FS49FG Datasheet(PDF) 32 Page - Toshiba Semiconductor

Part # TMP86FS49FG
Description  8 Bit Microcontroller
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS49FG Datasheet(HTML) 32 Page - Toshiba Semiconductor

Back Button TMP86FS49FG Datasheet HTML 28Page - Toshiba Semiconductor TMP86FS49FG Datasheet HTML 29Page - Toshiba Semiconductor TMP86FS49FG Datasheet HTML 30Page - Toshiba Semiconductor TMP86FS49FG Datasheet HTML 31Page - Toshiba Semiconductor TMP86FS49FG Datasheet HTML 32Page - Toshiba Semiconductor TMP86FS49FG Datasheet HTML 33Page - Toshiba Semiconductor TMP86FS49FG Datasheet HTML 34Page - Toshiba Semiconductor TMP86FS49FG Datasheet HTML 35Page - Toshiba Semiconductor TMP86FS49FG Datasheet HTML 36Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 42 page
background image
Page 30
2. Operational Description
2.3 Reset Circuit
TMP86FS49FG
2.3 Reset Circuit
The TMP86FS49FG have four types of reset generation procedures: An external reset input, an address trap reset,
a watchdog timer reset and a system clock reset. Table 2-2 shows on-chip hardware initialization by reset action.
The malfunction reset circuit such as watchdog timer reset, address trap reset and system clock reset is not initial-
ized when power is turned on. The RESET pin can reset state at the maximum 24/fc [s] (1.5
µs at 16.0 MHz) when
power is turned on.
2.3.1 External Reset Input
The RESET pin contains a Schmitt trigger (Hysteresis) with an internal pull-up resistor.
When the RESET pin is held at “L” level for at least 3 machine cycles (12/fc [s]) with the power supply volt-
age within the operating voltage range and oscillation stable, a reset is applied and the internal state is initial-
ized.
When the RESET pin input goes high, the reset operation is released and the program execution starts at the
vector address stored at addresses FFFEH to FFFFH.
Figure 2-15 Reset Circuit
Table 2-2 Initializing Internal Status by Reset Action
On-chip Hardware
Initial Value
On-chip Hardware
Initial Value
Program counter
(PC)
(FFFEH)
Prescaler and divider of timing generator
0
Stack pointer
(SP)
Not initialized
General-purpose registers
(W, A, B, C, D, E, H, L, IX, IY)
Not initialized
Jump status flag
(JF)
Not initialized
Watchdog timer
Enable
Zero flag
(ZF)
Not initialized
Output latches of I/O ports
Refer to I/O port circuitry
Carry flag
(CF)
Not initialized
Half carry flag
(HF)
Not initialized
Sign flag
(SF)
Not initialized
Overflow flag
(VF)
Not initialized
Interrupt master enable flag
(IMF)
0
Interrupt individual enable flags
(EF)
0
Control registers
Refer to each of control
register
Interrupt latches
(IL)
0
RAM
Not initialized
Internal reset
RESET
VDD
Malfunction
reset output
circuit
Watchdog timer reset
Address trap reset
System clock reset
TENTATIVE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com