Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP86FS49FG Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TMP86FS49FG
Description  8 Bit Microcontroller
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS49FG Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TMP86FS49FG Datasheet HTML 1Page - Toshiba Semiconductor TMP86FS49FG Datasheet HTML 2Page - Toshiba Semiconductor TMP86FS49FG Datasheet HTML 3Page - Toshiba Semiconductor TMP86FS49FG Datasheet HTML 4Page - Toshiba Semiconductor TMP86FS49FG Datasheet HTML 5Page - Toshiba Semiconductor TMP86FS49FG Datasheet HTML 6Page - Toshiba Semiconductor TMP86FS49FG Datasheet HTML 7Page - Toshiba Semiconductor TMP86FS49FG Datasheet HTML 8Page - Toshiba Semiconductor TMP86FS49FG Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 42 page
background image
Page 1
This product uses the Super Flash
technology under the licence of Sillicon Storage Technology,Inc. Super Flashis registered
trademark of Sillicon Storage Technology,Inc.
Purchase of TOSHIBA I2C components conveys a license under the Philips I2C Patent Rights to use these components in an
I2C system, provided that the system conforms to the I2C Standard Specification as defined by Philips.
030619EBP1
TMP86FS49FG
CMOS 8-Bit Microcontroller
• The information contained herein is subject to change without notice.
• The information contained herein is presented only as a guide for the applications of our products. No responsibility is assumed by
TOSHIBA for any infringements of patents or other rights of the third parties which may result from its use. No license is granted by impli-
cation or otherwise under any patent or patent rights of TOSHIBA or others.
• TOSHIBA is continually working to improve the quality and reliability of its products. Nevertheless, semiconductor devices in general can
malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. It is the responsibility of the buyer, when
utilizing TOSHIBA products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations
in which a malfunction or failure of such TOSHIBA products could cause loss of human life, bodily injury or damage to property.
In developing your designs, please ensure that TOSHIBA products are used within specified operating ranges as set forth in the most
recent TOSHIBA products specifications. Also, please keep in mind the precautions and conditions set forth in the “Handling Guide for
Semiconductor Devices,”or “TOSHIBA Semiconductor Reliability Handbook”etc..
• The TOSHIBA products listed in this document are intended for usage in general electronics applications (computer, personal equip-
ment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.). These TOSHIBA products are neither
intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or failure of
which may cause loss of human life or bodily injury (“Unintended Usage”). Unintended Usage include atomic energy control instru-
ments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical
instruments, all types of safety devices, etc.. Unintended Usage of TOSHIBA products listed in this document shall be made at the
customer’s own risk.
• The products described in this document are subject to the foreign exchange and foreign trade laws.
• TOSHIBA products should not be embedded to the downstream products which are prohibited to be produced and sold, under any law
and regulations.
• For a discussion of how the reliability of microcontrollers can be predicted, please refer to Section 1.3 of the chapter entitled Quality and
Reliability Assurance/Handling Precautions.
TMP86FS49FG
1.1 Features
1. 8-bit single chip microcomputer TLCS-870/C series
- Instruction execution time :
0.25
µs (at 16 MHz)
122
µs (at 32.768 kHz)
- 132 types & 731 basic instructions
2. 24interrupt sources (External : 5 Internal : 19)
3. Input / Output ports (56pins)
4. Time Base Timer
5. Watchdog Timer
6. 16-bit timer counter: 1 ch
- Timer, External trigger, Window, Pulse width measurement, Event counter, PPG(Programmable Pulse
Generator) output modes
7. 16-bit timer counter : 1ch
- Timer, Event counter, Window modes
8. 8-bit timer counter : 4ch
Timer, Event counter, PWM(Pulse width modulation) output, PDO(Programmable Divider Output) out-
put and PPG(Programmable Pulse Generator) modes
9. 8-bit UART: 2ch
10. High-Speed SIO: 2ch
11. Serial Bus Interface(I2C Bus): 1ch
Product No.
FLASH
RAM
PACKAGE
Mask MCU
TMP86FS49FG
60K bytes
2K bytes
P-QFP64-1414-0.80A
TMP86CH49/CM49
TENTATIVE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com