Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLA2ABB220SN4 Datasheet(PDF) 46 Page - Murata Manufacturing Co., Ltd.

Part # BLA2ABB220SN4
Description  EMI Suppression Filters
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

BLA2ABB220SN4 Datasheet(HTML) 46 Page - Murata Manufacturing Co., Ltd.

Back Button BLA2ABB220SN4 Datasheet HTML 42Page - Murata Manufacturing Co., Ltd. BLA2ABB220SN4 Datasheet HTML 43Page - Murata Manufacturing Co., Ltd. BLA2ABB220SN4 Datasheet HTML 44Page - Murata Manufacturing Co., Ltd. BLA2ABB220SN4 Datasheet HTML 45Page - Murata Manufacturing Co., Ltd. BLA2ABB220SN4 Datasheet HTML 46Page - Murata Manufacturing Co., Ltd. BLA2ABB220SN4 Datasheet HTML 47Page - Murata Manufacturing Co., Ltd. BLA2ABB220SN4 Datasheet HTML 48Page - Murata Manufacturing Co., Ltd. BLA2ABB220SN4 Datasheet HTML 49Page - Murata Manufacturing Co., Ltd. BLA2ABB220SN4 Datasheet HTML 50Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 88 page
background image
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
C31E.pdf
Mar.28,2011
57
0201 size for high speed signal lines.
BLM03BSeries (0201 Size)
BLM Series
Signal Lines Type Chip Ferrite Bead
s Dimensions
s Equivalent Circuit
s Packaging
s Impedance-Frequency Characteristics (Main Items)
s Rated Value (p: packaging code)
Continued on the following page.
BLM03BD Series
Refer to pages from p.91 to p.94 for mounting information.
BLM03B
BLM03BB Series
Code
Packaging
Minimum
Quantity
D
180mm Reel Paper Tape
15000
J
330mm Reel Paper Tape
50000
B
Bulk(Bag)
1000
Part Number
Impedance
(at 100MHz/20
°C)
Rated Current
DC Resistance
Operating
Temperature Range
BLM03BD750SN1p
75ohm
±25%
300mA
0.4ohm max.
-55
°C to +125°C
BLM03BD121SN1p
120ohm
±25%
250mA
0.5ohm max.
-55
°C to +125°C
BLM03BD241SN1p
240ohm
±25%
200mA
0.8ohm max.
-55
°C to +125°C
BLM03BD471SN1p
470ohm
±25%
215mA
1.5ohm max.
-55
°C to +125°C
BLM03BD601SN1p
600ohm
±25%
200mA
1.7ohm max.
-55
°C to +125°C
BLM03BC330SN1p
33ohm
±25%
150mA
0.85ohm max.
-55
°C to +125°C
BLM03BC560SN1p
56ohm
±25%
100mA
1.05ohm max.
-55
°C to +125°C
BLM03BC800SN1p
80ohm
±25%
100mA
1.40ohm max.
-55
°C to +125°C
BLM03BB100SN1p
10ohm
±25%
300mA
0.4ohm max.
-55
°C to +125°C
BLM03BB220SN1p
22ohm
±25%
200mA
0.5ohm max.
-55
°C to +125°C
BLM03BB470SN1p
47ohm
±25%
200mA
0.7ohm max.
-55
°C to +125°C
BLM03BB750SN1p
75ohm
±25%
200mA
1.0ohm max.
-55
°C to +125°C
BLM03BB121SN1p
120ohm
±25%
100mA
1.5ohm max.
-55
°C to +125°C
Number of Circuits: 1
0.6
±0.03
0.3
±0.03
0.15
±0.05
(in mm)
: Electrode
Frequency (MHz)
1
10
100
1000
3000
0
200
400
600
800
1000
1200
BLM03BD121SN1
BLM03BD750SN1
BLM03BD241SN1
BLM03BD471SN1
BLM03BD601SN1
(Resistance element becomes dominant
at high frequencies.)
Frequency (MHz)
1
10
100
1000
3000
BLM03BB121SN1
BLM03BB470SN1
BLM03BB220SN1
BLM03BB100SN1
BLM03BB750SN1
800
600
400
200
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com