Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLA2ABB220SN4 Datasheet(PDF) 29 Page - Murata Manufacturing Co., Ltd.

Part # BLA2ABB220SN4
Description  EMI Suppression Filters
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

BLA2ABB220SN4 Datasheet(HTML) 29 Page - Murata Manufacturing Co., Ltd.

Back Button BLA2ABB220SN4 Datasheet HTML 25Page - Murata Manufacturing Co., Ltd. BLA2ABB220SN4 Datasheet HTML 26Page - Murata Manufacturing Co., Ltd. BLA2ABB220SN4 Datasheet HTML 27Page - Murata Manufacturing Co., Ltd. BLA2ABB220SN4 Datasheet HTML 28Page - Murata Manufacturing Co., Ltd. BLA2ABB220SN4 Datasheet HTML 29Page - Murata Manufacturing Co., Ltd. BLA2ABB220SN4 Datasheet HTML 30Page - Murata Manufacturing Co., Ltd. BLA2ABB220SN4 Datasheet HTML 31Page - Murata Manufacturing Co., Ltd. BLA2ABB220SN4 Datasheet HTML 32Page - Murata Manufacturing Co., Ltd. BLA2ABB220SN4 Datasheet HTML 33Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 88 page
background image
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
C31E.pdf
Mar.28,2011
40
1806 size for power lines.
BLM41PSeries (1806 Size)
BLM Series
Power Lines Type Chip Ferrite Bead
s Dimensions
s Equivalent Circuit
s Packaging
s Impedance-Frequency Characteristics (Main Items)
s Rated Value (p: packaging code)
Continued on the following page.
s Notice (Rating)
Refer to pages from p.91 to p.94 for mounting information.
BLM41P
*Please refer to the products which are designed for both power lines and signal lines.
Code
Packaging
Minimum
Quantity
L
180mm Reel Embossed Tape
2500
K
330mm Reel Embossed Tape
8000
B
Bulk(Bag)
1000
Part Number
Impedance
(at 100MHz/20
°C)
Rated Current
DC Resistance
Operating
Temperature Range
BLM41PG600SN1p
60ohm(Typ.)
6000mA
0.01ohm max.
-55
°C to +125°C
BLM41PG750SN1p
75ohm(Typ.)
3000mA
0.025ohm max.
-55
°C to +125°C
BLM41PG181SN1p
180ohm
±25%
3000mA
0.025ohm max.
-55
°C to +125°C
BLM41PG471SN1p
470ohm
±25%
2000mA
0.05ohm max.
-55
°C to +125°C
BLM41PG102SN1p
1000ohm
±25%
1500mA
0.09ohm max.
-55
°C to +125°C
Number of Circuits: 1
0.7
±0.3
4.5
±0.2
1.6
±0.2
(in mm)
: Electrode
Frequency (MHz)
1
10
100
1000
3000
0
50
100
150
200
250
BLM41PG181SN1
BLM41PG600SN1
BLM41PG750SN1
BLM41PG Series (60ohm to 180ohm)
Frequency (MHz)
1
10
100
1000
3000
1200
900
600
300
0
BLM41PG102SN1
BLM41PG471SN1
BLM41PG Series (470ohm to 1000ohm)
In operating temperature exceeding +85
°C,
derating of current is necessary for
BLM41PG series.
Please apply the derating curve shown in
chart according to the operating
temperature.
Derating
Operating Temperature [
°C]
85
125
0
1
2
3
1.5
4
5
6
(Resistance element becomes dominant
at high frequencies.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com