Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLA2ABB220SN4 Datasheet(PDF) 21 Page - Murata Manufacturing Co., Ltd.

Part # BLA2ABB220SN4
Description  EMI Suppression Filters
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

BLA2ABB220SN4 Datasheet(HTML) 21 Page - Murata Manufacturing Co., Ltd.

Back Button BLA2ABB220SN4 Datasheet HTML 17Page - Murata Manufacturing Co., Ltd. BLA2ABB220SN4 Datasheet HTML 18Page - Murata Manufacturing Co., Ltd. BLA2ABB220SN4 Datasheet HTML 19Page - Murata Manufacturing Co., Ltd. BLA2ABB220SN4 Datasheet HTML 20Page - Murata Manufacturing Co., Ltd. BLA2ABB220SN4 Datasheet HTML 21Page - Murata Manufacturing Co., Ltd. BLA2ABB220SN4 Datasheet HTML 22Page - Murata Manufacturing Co., Ltd. BLA2ABB220SN4 Datasheet HTML 23Page - Murata Manufacturing Co., Ltd. BLA2ABB220SN4 Datasheet HTML 24Page - Murata Manufacturing Co., Ltd. BLA2ABB220SN4 Datasheet HTML 25Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 88 page
background image
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
C31E.pdf
Mar.28,2011
32
0402 size for power lines.
BLM15PG/BLM15PDSeries (0402 Size)
BLM Series
Power Lines Type Chip Ferrite Bead
s Dimensions
s Equivalent Circuit
s Packaging
s Impedance-Frequency Characteristics (Main Items)
s Rated Value (p: packaging code)
Continued on the following page.
Refer to pages from p.91 to p.94 for mounting information.
BLM15PG/BLM15PD
*Please refer to the products which are designed for both power lines and signal lines.
s Notice (Rating)
Code
Packaging
Minimum
Quantity
D
180mm Reel Paper Tape
10000
J
330mm Reel Paper Tape
50000
B
Bulk(Bag)
1000
Part Number
Impedance
(at 100MHz/20
°C)
Rated Current
DC Resistance
Operating
Temperature Range
BLM15PG100SN1p
10ohm(Typ.)
1000mA
0.05ohm max.
-55
°C to +125°C
BLM15PD300SN1p
30ohm
±25%
2200mA
0.035ohm max.
-55
°C to +125°C
BLM15PD600SN1p
60ohm
±25%
1700mA
0.06ohm max.
-55
°C to +125°C
BLM15PD800SN1p
80ohm
±25%
1500mA
0.07ohm max.
-55
°C to +125°C
BLM15PD121SN1p
120ohm
±25%
1300mA
0.09ohm max.
-55
°C to +125°C
Number of Circuits: 1
0.5
±0.05
1.0
±0.05
0.25
±0.1
(in mm)
: Electrode
Frequency (MHz)
1
10
100
1000
3000
0
50
100
150
200
250
BLM15PG100SN1
BLM15PD600SN1
BLM15PD800SN1
BLM15PD121SN1
BLM15PD300SN1
(Resistance element becomes dominant
at high frequencies.)
In operating temperature exceeding +85
°C,
derating of current is necessary for
BLM15PD series.
Please apply the derating curve shown in
chart according to the operating
temperature.
Derating
Operating Temperature [
°C]
125
85
1.3
1.7
2.2
1.4
1.1
0.9
3.0
2.5
2.0
1.5
1.0
0.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com