Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLA2ABB220SN4 Datasheet(PDF) 13 Page - Murata Manufacturing Co., Ltd.

Part # BLA2ABB220SN4
Description  EMI Suppression Filters
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

BLA2ABB220SN4 Datasheet(HTML) 13 Page - Murata Manufacturing Co., Ltd.

Back Button BLA2ABB220SN4 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. BLA2ABB220SN4 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. BLA2ABB220SN4 Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. BLA2ABB220SN4 Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. BLA2ABB220SN4 Datasheet HTML 13Page - Murata Manufacturing Co., Ltd. BLA2ABB220SN4 Datasheet HTML 14Page - Murata Manufacturing Co., Ltd. BLA2ABB220SN4 Datasheet HTML 15Page - Murata Manufacturing Co., Ltd. BLA2ABB220SN4 Datasheet HTML 16Page - Murata Manufacturing Co., Ltd. BLA2ABB220SN4 Datasheet HTML 17Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 88 page
background image
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
C31E.pdf
Mar.28,2011
24
High Spec Ferrite Bead Ultra low dc resistance and wide impedance line up. Fit for both power lines and signal lines.
BLM15AXSeries (0402 Size)
BLM Series
Universal Type [Power Lines/Signal Lines] Chip Ferrite Bead
s Dimensions
s Equivalent Circuit
s Packaging
s Impedance-Frequency Characteristics (Main Items)
s Rated Value (p: packaging code)
Continued on the following page.
Refer to pages from p.91 to p.94 for mounting information.
BLM15AX
Code
Packaging
Minimum
Quantity
D
180mm Reel Paper Tape
10000
J
330mm Reel Paper Tape
50000
B
Bulk(Bag)
1000
Part Number
Impedance
(at 100MHz/20
°C)
Rated Current
DC Resistance
Operating
Temperature Range
BLM15AX100SN1p
10ohm(Typ.)
1740mA
0.015ohm max.
-55
°C to +125°C
BLM15AX300SN1p
30ohm
±25%
1100mA
0.06ohm max.
-55
°C to +125°C
BLM15AX700SN1p
70ohm
±25%
780mA
0.1ohm max.
-55
°C to +125°C
BLM15AX121SN1p
120ohm
±25%
680mA
0.13ohm max.
-55
°C to +125°C
BLM15AX221SN1p
220ohm
±25%
580mA
0.18ohm max.
-55
°C to +125°C
BLM15AX601SN1p
600ohm
±25%
420mA
0.34ohm max.
-55
°C to +125°C
BLM15AX102SN1p
1000ohm
±25%
350mA
0.49ohm max.
-55
°C to +125°C
Number of Circuits: 1
0.5
±0.05
1.0
±0.05
0.25
±0.1
(in mm)
: Electrode
Frequency (MHz)
1
10
100
1000
3000
0
300
600
900
1200
1500
BLM15AX102SN1
BLM15AX601SN1
BLM15AX221SN1
BLM15AX121SN1
BLM15AX700SN1
BLM15AX300SN1
BLM15AX100SN1
(Resistance element becomes dominant
at high frequencies.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com