Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLA2ABB220SN4 Datasheet(PDF) 39 Page - Murata Manufacturing Co., Ltd.

Part # BLA2ABB220SN4
Description  EMI Suppression Filters
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

BLA2ABB220SN4 Datasheet(HTML) 39 Page - Murata Manufacturing Co., Ltd.

Back Button BLA2ABB220SN4 Datasheet HTML 35Page - Murata Manufacturing Co., Ltd. BLA2ABB220SN4 Datasheet HTML 36Page - Murata Manufacturing Co., Ltd. BLA2ABB220SN4 Datasheet HTML 37Page - Murata Manufacturing Co., Ltd. BLA2ABB220SN4 Datasheet HTML 38Page - Murata Manufacturing Co., Ltd. BLA2ABB220SN4 Datasheet HTML 39Page - Murata Manufacturing Co., Ltd. BLA2ABB220SN4 Datasheet HTML 40Page - Murata Manufacturing Co., Ltd. BLA2ABB220SN4 Datasheet HTML 41Page - Murata Manufacturing Co., Ltd. BLA2ABB220SN4 Datasheet HTML 42Page - Murata Manufacturing Co., Ltd. BLA2ABB220SN4 Datasheet HTML 43Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 88 page
background image
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
C31E.pdf
Mar.28,2011
50
s Impedance-Frequency Characteristics
BLM15AG221SN1
BLM15AG601SN1
BLM15AG102SN1
BLM Series
Signal Lines Type Chip Ferrite Bead
BLM15AG_SN Series (0402 Size)
BLM15AG_SN
1
10
100
1000
3000
Frequency (MHz)
0
100
200
300
400
Z
R
X
1
10
100
1000
3000
Frequency (MHz)
0
200
400
600
800
Z
X
R
1
10
100
1000
3000
Frequency (MHz)
1200
900
600
300
0
Z
X
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com