Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF11-2428SCA. Datasheet(PDF) 5 Page - Hirose Electric

Part # DF11-2428SCA.
Description  2mm Double-Row Connector (Product Compliant to UL/CSA Standard)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF11-2428SCA. Datasheet(HTML) 5 Page - Hirose Electric

  DF11-2428SCA. Datasheet HTML 1Page - Hirose Electric DF11-2428SCA. Datasheet HTML 2Page - Hirose Electric DF11-2428SCA. Datasheet HTML 3Page - Hirose Electric DF11-2428SCA. Datasheet HTML 4Page - Hirose Electric DF11-2428SCA. Datasheet HTML 5Page - Hirose Electric DF11-2428SCA. Datasheet HTML 6Page - Hirose Electric DF11-2428SCA. Datasheet HTML 7Page - Hirose Electric DF11-2428SCA. Datasheet HTML 8Page - Hirose Electric DF11-2428SCA. Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
107
DF11 Seriesq2mm Double-Row Connector (Product Compliant to UL/CSA Standard)
sCrimping Socket
Note: Delivered per bag unit (100 pcs.). Please order products bag pack unit.
sReceptacle (DIP)
Photo: Contact insertion status
qBoard Through-hole Diameter: Ø0.8+0
+0.1
qKink Prefixed Effective Diameter: Ø0.8+0
+0.05
[Specific No.] –* *, (* *)
(05) :Tin plated 100 pcs. per pack
(06) :Gold plated 100 pcs. per pack
Unit: mm
Part Number
CL No.
DF11-20DS-2C(**)
DF11-22DS-2C(**)
DF11-24DS-2C(**)
DF11-26DS-2C(**)
DF11-28DS-2C(**)
DF11-30DS-2C(**)
DF11-32DS-2C(**)
543-0509-7-**
543-0510-6-**
543-0511-9-**
543-0512-1-**
543-0513-4-**
543-0514-7-**
543-0515-0-**
20
22
24
26
28
30
32
22.0
24.0
26.0
28.0
30.0
32.0
34.0
18.0
20.0
22.0
24.0
26.0
28.0
30.0
Number of Contacts
B
A
Part Number
CL No.
DF11- 4DS-2C(**)
DF11- 6DS-2C(**)
DF11- 8DS-2C(**)
DF11-10DS-2C(**)
DF11-12DS-2C(**)
DF11-14DS-2C(**)
DF11-16DS-2C(**)
DF11-18DS-2C(**)
543-0568-6-**
543-0502-8-**
543-0503-0-**
543-0504-3-**
543-0505-6-**
543-0506-9-**
543-0507-1-**
543-0508-4-**
4
6
8
10
12
14
16
18
6.0
8.0
10.0
12.0
14.0
16.0
18.0
20.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
16.0
Number of Contacts
B
A
Note: Delivered per bag unit (100 pcs.). Please order products per bag unit.
Unit: mm
[Specific No.] –* *, (* *)
Blank
:100 pcs. per pack
Part Number
CL No.
DF11-20DS-2DSA(**)
DF11-22DS-2DSA(**)
DF11-24DS-2DSA(**)
DF11-26DS-2DSA(**)
DF11-28DS-2DSA(**)
DF11-30DS-2DSA(**)
DF11-32DS-2DSA(**)
543-0560-4-**
543-0561-7-**
543-0562-0-**
543-0563-2-**
543-0564-5-**
543-0565-8-**
543-0566-0-**
20
22
24
26
28
30
32
22.0
24.0
26.0
28.0
30.0
32.0
34.0
18.0
20.0
22.0
24.0
26.0
28.0
30.0
Number of Contacts
B
A
Part Number
CL No.
DF11- 6DS-2DSA(**)
DF11- 8DS-2DSA(**)
DF11-10DS-2DSA(**)
DF11-12DS-2DSA(**)
DF11-14DS-2DSA(**)
DF11-16DS-2DSA(**)
DF11-18DS-2DSA(**)
543-0553-9-**
543-0554-1-**
543-0555-4-**
543-0556-7-**
543-0557-0-**
543-0558-2-**
543-0559-5-**
6
8
10
12
14
16
18
8.0
10.0
12.0
14.0
16.0
18.0
20.0
4.0
6.0
8.0
10.0
12.0
14.0
16.0
Number of Contacts
B
A
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com