Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF11-2428SCA. Datasheet(PDF) 6 Page - Hirose Electric

Part # DF11-2428SCA.
Description  2mm Double-Row Connector (Product Compliant to UL/CSA Standard)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF11-2428SCA. Datasheet(HTML) 6 Page - Hirose Electric

Back Button DF11-2428SCA. Datasheet HTML 2Page - Hirose Electric DF11-2428SCA. Datasheet HTML 3Page - Hirose Electric DF11-2428SCA. Datasheet HTML 4Page - Hirose Electric DF11-2428SCA. Datasheet HTML 5Page - Hirose Electric DF11-2428SCA. Datasheet HTML 6Page - Hirose Electric DF11-2428SCA. Datasheet HTML 7Page - Hirose Electric DF11-2428SCA. Datasheet HTML 8Page - Hirose Electric DF11-2428SCA. Datasheet HTML 9Page - Hirose Electric DF11-2428SCA. Datasheet HTML 10Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
108
DF11 Seriesq2mm Double-Row Connector (Product Compliant to UL/CSA Standard)
sReceptacle (SMT)
Note1: Tape and reel packaging(500 pieces/reel). Order by number of reels.
Note2: The 40 contacts connector is marchandized only in combination with the SMT product.
Note3: Embossed packaging products have the reel wrapped in polyethylene and include a desiccant.
Unit: mm
Part Number
CL No.
DF11CZ- 4DS-2V(**)
DF11CZ- 6DS-2V(**)
DF11CZ- 8DS-2V(**)
DF11CZ-10DS-2V(**)
DF11CZ-18DS-2V(**)
DF11CZ-20DS-2V(**)
DF11CZ-22DS-2V(**)
DF11CZ-26DS-2V(**)
DF11CZ-30DS-2V(**)
DF11CZ-40DS-2V(**)
CL543-2063-0-**
CL543-2064-3-**
CL543-2065-6-**
CL543-2066-9-**
CL543-2070-6-**
CL543-2071-9-**
CL543-2072-1-**
CL543-2074-7-**
CL543-2076-2-**
CL543-0584-2-**
4
6
8
10
18
20
22
26
30
40
2.0
4.0
6.0
8.0
16.0
18.0
20.0
24.0
28.0
38.0
8.5
10.5
12.5
14.5
22.5
24.5
26.5
30.5
34.5
44.5
Number of Contacts
A
B
C
8.7
10.7
12.7
14.7
22.7
24.7
26.7
30.7
34.7
44.7
sPCB mounting pattern
[Specific No.] –* *, (* *)
(22) :Tin plated embossed tape packaging
(with vacuum pick-up cap)
(52) :Gold plated embossed tape packaging
(with vacuum pick-up cap)
Note:If the pattern is included in the shaded area and
not treated with resist, it could touch the
connector contact .
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com