Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF11-2428SCA. Datasheet(PDF) 4 Page - Hirose Electric

Part # DF11-2428SCA.
Description  2mm Double-Row Connector (Product Compliant to UL/CSA Standard)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF11-2428SCA. Datasheet(HTML) 4 Page - Hirose Electric

  DF11-2428SCA. Datasheet HTML 1Page - Hirose Electric DF11-2428SCA. Datasheet HTML 2Page - Hirose Electric DF11-2428SCA. Datasheet HTML 3Page - Hirose Electric DF11-2428SCA. Datasheet HTML 4Page - Hirose Electric DF11-2428SCA. Datasheet HTML 5Page - Hirose Electric DF11-2428SCA. Datasheet HTML 6Page - Hirose Electric DF11-2428SCA. Datasheet HTML 7Page - Hirose Electric DF11-2428SCA. Datasheet HTML 8Page - Hirose Electric DF11-2428SCA. Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
106
DF11 Seriesq2mm Double-Row Connector (Product Compliant to UL/CSA Standard)
[Specific No.] –* *, (* *)
(05)
:Tin plated, 100 pcs. per bag
(25)
:Tin plated, Tube packaging
Photo: Cable connection status
Part Number
CL No.
Unit: mm
DF11- 4DS-2R26(**)
DF11- 6DS-2R26(**)
DF11- 8DS-2R26(**)
DF11-10DS-2R26(**)
DF11-12DS-2R26(**)
DF11-14DS-2R26(**)
DF11-16DS-2R26(**)
DF11-18DS-2R26(**)
DF11-20DS-2R26(**)
DF11-22DS-2R26(**)
DF11-24DS-2R26(**)
DF11-26DS-2R26(**)
DF11-28DS-2R26(**)
DF11-30DS-2R26(**)
DF11-32DS-2R26(**)
543-0652-0-**
543-0653-3-**
543-0654-6-**
543-0655-9-**
543-0656-1-**
543-0657-4-**
543-0658-7-**
543-0659-0-**
543-0660-9-**
543-0661-1-**
543-0662-4-**
543-0663-7-**
543-0664-0-**
543-0665-2-**
543-0666-5-**
4
6
8
10
12
14
16
18
20
22
24
26
28
30
32
6.0
8.0
10.0
12.0
14.0
16.0
18.0
20.0
22.0
24.0
26.0
28.0
30.0
32.0
34.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
16.0
18.0
20.0
22.0
24.0
26.0
28.0
30.0
188
140
112
94
80
70
62
56
50
46
42
40
36
34
32
Number of Contacts
A
B
Tube Packaging Quantity
sID Socket
Note1: The specific No. (05) item is delivered per bag unit (100 pcs.). Please order products per bag unit.
Note2: To use the full automatic insulation displacement machine to punch the DF11 single contact, the (25) tube packaging specification
should be applied.
Note3: Please order the tube packaging products by multiplying the packaging quantity ( pcs.).
sApplicable Cable
Part Number
Applicable Cable
Jacket Diameter
DF11-*DS-2R26
UL1061 AWG26 (7/0.16)
Ø0.9 to 1.05mm
Type
Part Number
Connection Type
Remarks
sEffective harness form
1. DF11-both ended, one ended
Punching full automatic ID
2. DF11-DF11, separation
The connector is applicable to
machine DF11 single contact
AM700/DF11
3. DF11-DF3, separation
(25) tube packaging.
sEffective harness length
100 to 2,000mm
sContinuity Inspection Mechanism Equipped
SA700/DF11
Desktop ID Machine
CL903-0013-5
sUsed for DF11 only, No restricted condition
Desktop machine for small lot
Note1: Port 1-piece indicates odd number row,
and port 2- pcs. indicate even number row.
Note2: Use the dip type header as follows.
· Straight angle type: DF11-*DP-2DSA(08)
· Angle type: DF11-*DP-2DS(24)
sDF11-*DS-2R Insulation Displacement Machine
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com