Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF11-2428SCA. Datasheet(PDF) 2 Page - Hirose Electric

Part # DF11-2428SCA.
Description  2mm Double-Row Connector (Product Compliant to UL/CSA Standard)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF11-2428SCA. Datasheet(HTML) 2 Page - Hirose Electric

  DF11-2428SCA. Datasheet HTML 1Page - Hirose Electric DF11-2428SCA. Datasheet HTML 2Page - Hirose Electric DF11-2428SCA. Datasheet HTML 3Page - Hirose Electric DF11-2428SCA. Datasheet HTML 4Page - Hirose Electric DF11-2428SCA. Datasheet HTML 5Page - Hirose Electric DF11-2428SCA. Datasheet HTML 6Page - Hirose Electric DF11-2428SCA. Datasheet HTML 7Page - Hirose Electric DF11-2428SCA. Datasheet HTML 8Page - Hirose Electric DF11-2428SCA. Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
104
DF11 Seriesq2mm Double-Row Connector (Product Compliant to UL/CSA Standard)
sProduct Specifications
Current rating
(Note 1)
Voltage rating
Crimping
Insulation Displacement
Crimping
250V AC Insulation Displacement 100V AC
AWG #22 to #26 : 2A
Wire size
AWG #28
: 1A
AWG #30
: 0.5A
Wire size
AWG #26
: 1A
Operating Temperature Range
Operating Humidity Range
Storage Temperature Range
Storage Humidity Range
sUL·CSA Safety Standard File No.
UL
:E52653
CSA
:LR95109
-30 to 85ç Note 2
40 to 80%
-10 to 60ç Note 3
40 to 70%
Note 1: Current rating of header is 2A.
Note 2: Includes temperature rise caused by current flow.
Note 3: The term "storage" refers to products stored for long period of time prior to mounting and use. Operating Temperature Range and
Humidity range covers non conducting condition of installed connectors in storage, shipment or during transportation.
Note 4: Information contained in this catalog represents general requirements for this Series. Contact us for the drawings and specifications for
a specific part number shown.
Item
Specification
Condition
1. Insulation Resistance
1000M ohms min.
500V DC
2. Withstanding voltage
No flashover or insulation breakdown.
650V AC/1 minute
3. Contact Resistance
30m ohms max.
100mA
4. Single Insertion/Extraction Force 0.3N (30gf) min., 4.4N(450gf) max.
Measured by the square steel-made pin of 0.5±0.002mm
5. Vibration
No electrical discontinuity of 1µs or more
Frequency: 10 to 55 Hz, single amplitude of 0.75 mm, 2 hours in each of the 3 directions.
6.
Humidity (Steady state) Contact resistance: 30m ohms max. Insulation resistance: 500M ohms min.
96 hours at temperature of 40ç and humidity of 90% to 95%
7. Temperature Cycle
Contact resistance: 30m ohms max. Insulation resistance: 1000M ohmsmin.
(-55ç: 30 minutes ➝ 5 to 35ç: 5 to 15 minutes
(-85ç: 30 minutes ➝ 5 to 35ç: 5 to 15 minutes) 5 cycles
8. Durability (Mating/un-mating) Contact resistance: 30m ohms max.
Tin plated: 30 cycles
Gold plated:50 cycles
Flow:
Manual soldering:
9. Resistance to Soldering heat
No deformation of components affecting performance.
260ç for 10 seconds
300ç for 2 seconds
Reflow:
Manual soldering:
At the recommended temperature profile 300ç for 3 seconds
sFeatures of DF11 Insulation Displacement Machine
(Single Core Punching Full Automatic ID Machine AM700/DF11)
q 5 Major Features of ID Machine AM700/DF11
1. Perform the multi-harness.
2. The setup time has been widely reduced. (10 minutes maximum)
3. Space saving design.
(About half space compared with the conventional machine)
4. Minimize initial cost with low cost.
5. The harness data can be saved in the floppy disk and easily
changed.
sPoints
Since the DF11 insulation displacemention allows double rows ID with a single part, the harness service is completed with
machine connection only.
Rating
Current rating
Voltage rating
UL-CSA Safety Standard Approved Specification
30V AC
AWG #22
: 2A
Wire size
AWG #24 to #28
: 1A
AWG #30
: 0.5A
Rating
Data storage
Low cost
Multi-harness
Half space
Setup in 10 minutes
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com