Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF11-2428SCA. Datasheet(PDF) 13 Page - Hirose Electric

Part # DF11-2428SCA.
Description  2mm Double-Row Connector (Product Compliant to UL/CSA Standard)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF11-2428SCA. Datasheet(HTML) 13 Page - Hirose Electric

Back Button DF11-2428SCA. Datasheet HTML 6Page - Hirose Electric DF11-2428SCA. Datasheet HTML 7Page - Hirose Electric DF11-2428SCA. Datasheet HTML 8Page - Hirose Electric DF11-2428SCA. Datasheet HTML 9Page - Hirose Electric DF11-2428SCA. Datasheet HTML 10Page - Hirose Electric DF11-2428SCA. Datasheet HTML 11Page - Hirose Electric DF11-2428SCA. Datasheet HTML 12Page - Hirose Electric DF11-2428SCA. Datasheet HTML 13Page - Hirose Electric DF11-2428SCA. Datasheet HTML 14Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
115
DF11 Seriesq2mm Double-Row Connector (Product Compliant to UL/CSA Standard)
Product Type
Size
Number of Contacts
AB
C
D
04~80
24.0
-----------------
11.5
24.4
10~12
32.0
28.4
14.2
32.4
14~18
44.0
40.4
20.2
44.4
DF11CZ-**DS-2V
002000
56.0
52.4
26.2
56.4
002200
44.0
40.4
20.2
44.4
24~32
56.0
52.4
26.2
56.4
004000
72.0
68.4
34.2
72.4
Unit: mm
E
16±0.1
2 ±0.1
4 ±0.1
0.4±0.1
6.6±0.3
8.4±0.3
E-E
Unreeling direction
Contact NO.1
E
Ø21±0.8
Ø1.5 Lead hole depth
(D+6)MAX
D
+2
0
2±0.5
Reel Dimensions
(5)
1.5
+0.1
0
Unreeling direction
Reel Dimensions
16±0.1
2±0.15
0.4±0.1
7.8±0.3
9.4±0.3
4±0.1
Ø1.5
+0.1
0
Ø21±0.8
D
+2
0
(D+6)MAX
Ø1.5 Lead hole depth
2±0.5
E-E
E
E
( 5.8)
1.5
+0.1
0
Product Type
Size
Number of Contacts
AB
C
D
04~80
24.0
-----------------
11.5
24.4
10~12
32.0
28.4
14.2
32.4
14~22
44.0
40.4
20.2
44.4
24~32
56.0
52.4
26.2
56.4
004000
72.0
68.4
34.2
72.4
Unit: mm
DF11CZ-**DP-2V(27)
DF11C-**DP-2V(57)
sEmbossed Carrier tape Dimensions
qReceptacle (SMT)
qHeader (SMT)
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com