Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M68HC08 Datasheet(PDF) 30 Page - Freescale Semiconductor, Inc

Part # M68HC08
Description  MC68HC908JB16 Technical Data
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68HC08 Datasheet(HTML) 30 Page - Freescale Semiconductor, Inc

Back Button M68HC08 Datasheet HTML 26Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 27Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 28Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 29Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 30Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 31Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 32Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 33Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 34Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 332 page
background image
General Description
Technical Data
MC68HC908JB16 — Rev. 1.1
30
General Description
Freescale Semiconductor
1.3 Features
Features of the MC68HC908JB16 MCU include the following:
•
High-performance M68HC08 architecture
•
Fully upward-compatible object code with M6805, M146805, and
M68HC05 families
•
Low-power design; fully static with stop and wait modes
•
6-MHz internal bus frequency
•
16,384 bytes of on-chip FLASH memory with security1 feature
•
384 bytes of on-chip random access memory (RAM)
•
Up to 21 general-purpose input/output (I/O) pins, including:
–
15 shared-function I/O pins
–
8-bit keyboard interrupt port
–
10mA high current drive for PS/2 connection on 2 pins
(with USB module disabled)
–
1 dedicated I/O pin, with 25mA direct drive for infrared LED
(32-pin package)
–
6 dedicated I/O pins, with 25mA direct drive for infrared LED
on 2 pins and 10mA direct drive for normal LED on 4 pins
(28-pin package)
•
Two 16-bit, 2-channel timer interface modules (TIM1 and TIM2)
with selectable input capture, output compare, PWM capability on
each channel, and external clock input option (TCLK)
•
Universal Serial Bus specification 2.0 low-speed functions:
–
1.5Mbps data rate
–
On-chip 3.3V regulator
–
Endpoint 0 with 8-byte transmit buffer and 8-byte receive buffer
–
Endpoint 1 with 8-byte transmit buffer
–
Endpoint 2 with 8-byte transmit buffer and 8-byte receive buffer
1. No security feature is absolutely secure. However, Freescale’s strategy is to make reading or
copying the FLASH difficult for unauthorized users.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com