Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M68HC08 Datasheet(PDF) 39 Page - Freescale Semiconductor, Inc

Part # M68HC08
Description  MC68HC908JB16 Technical Data
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68HC08 Datasheet(HTML) 39 Page - Freescale Semiconductor, Inc

Back Button M68HC08 Datasheet HTML 35Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 36Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 37Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 38Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 39Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 40Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 41Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 42Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 43Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 332 page
background image
General Description
MC68HC908JB16 — Rev. 1.1
Technical Data
Freescale Semiconductor
General Description
39
PTC0/TxD
PTC1/RxD
2-bit general purpose I/O port.
IN/OUT
VDD
Each pin has programmable internal pull-up device.
IN
VDD
PTC0 as TxD of SCI module.
OUT
VDD
PTC1 as RxD of SCI module.
IN
VDD
PTD0–PTD5(2)
6-bit general purpose I/O port;
open-drain when configured as output.
IN
OUT
VDD
VREG or VDD
PTD0–PTD1 have configurable 25mA sink for infrared LED.
OUT
VREG or VDD
PTD2–PTD5 have configurable 10mA sink for LED.
OUT
VREG or VDD
PTE0/TCLK
PTE1/T1CH01
PTE2/T2CH01
PTE0–PTE2 are general purpose I/O lines.
IN/OUT
VDD
PTE0–PTE2 have programmable internal pullup when
configured as input or output.
IN/OUT
VDD
PTE0 as TCLK of TIM1 and TIM2.
IN
VDD
PTE1 as T1CH01 of TIM1.
IN/OUT
VDD
PTE2 as T2CH01 of TIM2.
IN/OUT
VDD
PTE3/D+
PTE4/D–
PTE3–PTE4 general purpose I/O lines;
open-drain when configured as output.
IN
OUT
VDD
VREG or VDD
PTE3–PTE4 have programmable internal pullup when
configured as input.
IN
VDD
PTE3 as D+ of USB module.
IN/OUT
VREG
PTE4 as D– of USB module.
IN/OUT
VREG
PTE4 as additional IRQ interrupt.
IN
VDD
Notes:
1. Pin available on 32-pin package only.
2. PTD[5:1] pins available on 28-pin package only.
Table 1-1. Summary of Pin Functions
PIN NAME
PIN DESCRIPTION
IN/OUT
VOLTAGE
LEVEL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com