Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M68HC08 Datasheet(PDF) 68 Page - Freescale Semiconductor, Inc

Part # M68HC08
Description  MC68HC908JB16 Technical Data
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68HC08 Datasheet(HTML) 68 Page - Freescale Semiconductor, Inc

Back Button M68HC08 Datasheet HTML 64Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 65Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 66Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 67Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 68Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 69Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 70Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 71Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 72Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 332 page
background image
FLASH Memory
Technical Data
MC68HC908JB16 — Rev. 1.1
68
FLASH Memory
Freescale Semiconductor
4.9.1 Variables
The ROM-resident routines use three variables: CTRLBYT, CPUSPD
and LADDR; and one data buffer. The minimum size of the data buffer
is one byte and the maximum size is 64 bytes.
CPUSPD must be set before calling the erase or programming routines,
and should be set to four times the value of the CPU internal bus speed
in MHz. For example: for CPU speed of 6MHz, CPUSPD should be set
to 24.
4.9.2 ERASE Routine
The ERASE routine erases the entire or a block of FLASH memory. The
routine does not check for a blank range before or after erase.
NOTE:
A block erase cannot be performed on the last block of FLASH memory
(user vector at $FFD0)–$FFFF).
Table 4-2. Summary of FLASH Routine Variables
Variable
Address
Description
CTRLBYT
$0088
Control byte for setting mass or block erase.
CPUSPD
$0089
Timing adjustment for different CPU speeds.
LADDR
$008A–$008B
Last FLASH address to be programmed.
DATABUF
$0100–$013F
Data buffer for programming and verifying.
Table 4-3. ERASE Routine
Routine
ERASE
Calling Address
$FC06
Stack Use
5 Bytes
Input
CPUSPD — CPU speed
HX —
Contains any address in the range to be
erased
CTRLBYT — Mass or block erase
Mass erase if bit 6 = 1
Block erase if bit 6 = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com