Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M68HC08 Datasheet(PDF) 32 Page - Freescale Semiconductor, Inc

Part # M68HC08
Description  MC68HC908JB16 Technical Data
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68HC08 Datasheet(HTML) 32 Page - Freescale Semiconductor, Inc

Back Button M68HC08 Datasheet HTML 28Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 29Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 30Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 31Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 32Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 33Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 34Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 35Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 36Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 332 page
background image
Figure 1-1. MC68HC908JB16 MCU Block Diagram
SYSTEM INTEGRATION
MODULE
2-CHANNEL TIMER INTERFACE
MODULE 1
LOW VOLTAGE INHIBIT
MODULE
COMPUTER OPERATING
PROPERLY MODULE
ARITHMETIC/LOGIC
UNIT (ALU)
CPU
REGISTERS
M68HC08 CPU
CONTROL AND STATUS REGISTERS — 64 BYTES
USER FLASH MEMORY — 16,384 BYTES
USER RAM — 384 BYTES
MONITOR ROM — 1,472 BYTES
USER FLASH VECTORS — 48 BYTES
POWER AND INTERNAL
INTERNAL BUS
USB MODULE
USB ENDPOINT 0, 1, 2
BREAK
MODULE
OSCILLATOR
KEYBOARD INTERRUPT
MODULE
POWER-ON RESET
MODULE
(1) OSC1
(1) OSC2
(2) RST
(3) IRQ
VDD
VSS
VREG (3.3V)
2-CHANNEL TIMER INTERFACE
MODULE 2
SERIAL COMMUNICATIONS
INTERFACE MODULE
IRQ
MODULE
DUAL CLOCK
GENERATOR MODULE
(5) CGMXFC1
(1), (5) CGMOUT1
(5) CGMXFC2
(1), (5) CGMOUT2
VOLTAGE REGULATORS
PTE0/TCLK (3)
PTE1/T1CH01 (3)
PTE2/T2CH01 (3)
PTE3/D+ (3), (4)
PTE4/D– (3), (4)
PTC1/RxD (3)
PTC0/TxD (3)
PTA7/KBA7
PTA0/KBA0
(1) Pins have 3V logic.
(2) Pins have integrated pullup device.
(3) Pins have software configurable pull-up device.
(4) Pins are open-drain when configured as output.
(5) Pins available on 32-pin package only.
:
(3)
(5) VDDA
(5) VSSA0
(5) VSSA1
(6) Pins available on 28-pin package only.
(5) VREGA1 (3.3V)
(5) VREGA0 (3.3V)
PTD0 (4)
PTD1 (4), (6)
PTD2 (4), (6)
PTD3 (4), (6)
PTD4 (4), (6)
PTD5 (4), (6)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com