Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M68HC08 Datasheet(PDF) 59 Page - Freescale Semiconductor, Inc

Part # M68HC08
Description  MC68HC908JB16 Technical Data
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68HC08 Datasheet(HTML) 59 Page - Freescale Semiconductor, Inc

Back Button M68HC08 Datasheet HTML 55Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 56Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 57Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 58Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 59Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 60Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 61Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 62Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 63Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 332 page
background image
MC68HC908JB16 — Rev. 1.1
Technical Data
Freescale Semiconductor
FLASH Memory
59
Technical Data — MC68HC908JB16
Section 4. FLASH Memory
4.1 Contents
4.2
Introduction . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 59
4.3
Functional Description . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 60
4.4
FLASH Control Register . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 61
4.5
FLASH Block Erase Operation . . . . . . . . . . . . . . . . . . . . . . . . . 62
4.6
FLASH Mass Erase Operation . . . . . . . . . . . . . . . . . . . . . . . . . 63
4.7
FLASH Program Operation. . . . . . . . . . . . . . . . . . . . . . . . . . . . 64
4.8
FLASH Protection . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 66
4.8.1
FLASH Block Protect Register . . . . . . . . . . . . . . . . . . . . . . . 66
4.9
ROM-Resident Routines. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 67
4.9.1
Variables . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 68
4.9.2
ERASE Routine . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 68
4.9.3
PROGRAM Routine . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 69
4.9.4
VERIFY Routine . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 69
4.2 Introduction
This section describes the operation of the embedded FLASH memory.
This memory can be read, programmed, and erased from a single
external supply. The program and erase operations are enabled through
the use of an internal charge pump.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com