Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E5CS-R1KJX-F Datasheet(PDF) 7 Page - Omron Electronics LLC

Part # E5CS-R1KJX-F
Description  Temperature Controller E5CS--X
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5CS-R1KJX-F Datasheet(HTML) 7 Page - Omron Electronics LLC

Back Button E5CS-R1KJX-F Datasheet HTML 2Page - Omron Electronics LLC E5CS-R1KJX-F Datasheet HTML 3Page - Omron Electronics LLC E5CS-R1KJX-F Datasheet HTML 4Page - Omron Electronics LLC E5CS-R1KJX-F Datasheet HTML 5Page - Omron Electronics LLC E5CS-R1KJX-F Datasheet HTML 6Page - Omron Electronics LLC E5CS-R1KJX-F Datasheet HTML 7Page - Omron Electronics LLC E5CS-R1KJX-F Datasheet HTML 8Page - Omron Electronics LLC E5CS-R1KJX-F Datasheet HTML 9Page - Omron Electronics LLC E5CS-R1KJX-F Datasheet HTML 10Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Temperature Controller
E5CS--X
A--152
Installation
J Mounting
All E5CS-X models conform to DIN 43700 standard. Recom-
mended panel thickness is 1 to 4 mm (0.04 to 0.16 in).
Insert the temperature controller, back end first, into the panel
cutout. Mount the adapter (Y92F-30) supplied with each unit by
pushing it forward from the back of the temperature controller.
Push the adapter as close as possible to the front panel of the
temperature controller to eliminate the gap between them. Then,
secure the adapter with screws as shown.
Removal
Loosen the screws on the adapter and push the hook open to
remove the adapter.
Hook
Screw
J Connections
Connection Examples
Use M3.5 solderless terminals with the temperature controller’s
M3.5 self-rising pressure plate screws.
For solder-dipped leads, strip the lead wire 6 to 12 mm (0.24 to
0.47 in) and carefully insert the wire tip. Do not tighten the termi-
nal screw with excessive force.
7.5
(0.29)
7.3 (0.29)
max.
19
(0.75)
6to12
(0.24to0.47)
Precautions
J Environment
Do not install the temperature controller in a location where there
is a lot of dust or corrosive gases. Also avoid a location where
the temperature controller is subjected to heavy vibration, shock,
splashes of water or oil, and high temperatures.
Separate the temperature controller from equipment that
generates strong, high-frequency electrical noise such as welding
equipment.
Sensor Input Connections
The lead wires connecting the platinum RTD to the temperature
controller must be separated from the power lines an the load
lines, wherever possible, to prevent them from being inducted by
electrical noise.
Use the specified compensating conductors for the thermocouple
input type temperature controllers.
Use lead wires having a small resistance for the platinum RTD
type temperature controllers.
Sequence Circuit
Several seconds are required until the relay is turned ON after
the power has been applied to the temperature controller. Be
sure to take this time lag into consideration when designing a
sequence circuit which incorporates this temperature controller.
J Recalibration
The E5CS-X temperature controller can be recalibrated by a
factory-authorized repair service. Contact Omron for the location
near you.
Unauthorized recalibration of the controller will void the warranty
and may lead to erratic operation.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com