Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E5CS-R1KJX-F Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # E5CS-R1KJX-F
Description  Temperature Controller E5CS--X
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5CS-R1KJX-F Datasheet(HTML) 2 Page - Omron Electronics LLC

  E5CS-R1KJX-F Datasheet HTML 1Page - Omron Electronics LLC E5CS-R1KJX-F Datasheet HTML 2Page - Omron Electronics LLC E5CS-R1KJX-F Datasheet HTML 3Page - Omron Electronics LLC E5CS-R1KJX-F Datasheet HTML 4Page - Omron Electronics LLC E5CS-R1KJX-F Datasheet HTML 5Page - Omron Electronics LLC E5CS-R1KJX-F Datasheet HTML 6Page - Omron Electronics LLC E5CS-R1KJX-F Datasheet HTML 7Page - Omron Electronics LLC E5CS-R1KJX-F Datasheet HTML 8Page - Omron Electronics LLC E5CS-R1KJX-F Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Temperature Controller
E5CS--X
A--147
Specifications
Model
E5CS-j1KJX
E5CS-j1PX
E5CS-j1GX
Sensor input type
Thermocouple
Type J (IC) and Type K (CA)
Platinum RTD (Pt: 100
Ω)
DIN or JIS standard
Thermistor
(interchangeable type)
Supply voltage
100 to 240 VAC, 50/60 Hz; operates on 85 to 110% of rated voltage
Power consumption
Approx. 7 VA
Control
t
t
Contact
Type
SPDT relay
output
Max. load
3 A, 250 VAC (resistive load)
Voltage
Logic load
12 VDC, 20 mA with short-circuit protection
Hysteresis
0.2% of full scale during ON/OFF control action
Response
ti
Output
2 seconds for output to change
p
time
Display
2 seconds for displayed indication to change
Service life
Mechanical
10 million operation minimum with contact output
Electrical
100,000 operations minimum with contact output
Alarm output
Type
SPST-NO relay
p
Max. load
1 A, 250 VAC (resistive load)
Setting
range
Absolute value alarm: Same as control output setting range
Others: 0 to full scale
Setting accuracy
Set value coincides with indicated value, so no relative error exists
Indication accuracy
±0.5% of full scale, ±1 digit max.
Display range
--999 to 999 (limited to input type)
Control
d
Type
ON/OFF and PID with automatic tuning of proportional band, switch selectable
modes
Proportional band
3% to 20% (in PID mode) automatically adjusted according to the rise time of the
controlled system
Reset time
4 minutes (in PID mode)
Rate time
0.4 minutes (in PID mode)
Proportional period
2 or 20 seconds, switch selectable
Sampling period
500 ms
Materials
Plastic case
Mounting
Fits 1/16 DIN panel cutout; includes panel mounting adapter
Connections
Screw terminals
Weight
170 g (6 oz.) without mounting adapter
Enclosure ratings
Front panel
IP50, NEMA 4 with optional Y92A-48N waterproof cover
g
Rear panel
IP30
Terminals
IP00
Approvals
UL
Recognized, File Number E68481
pp
CSA
Certified, File Number LR59623
CE
Conforms to EN61010-1
Ambient temperature
Operating
--10
°Cto55°C(14°F to 131°F)
p
Storage
--25
°Cto65°C(--13°F to 149°F)
Humidity
35 to 85% RH
Insulation resistance
20 M
Ω minimum at 500 VDC
Dielectric strength
2,000 VAC, 50/60 Hz for 1 minute between current-carrying terminals of different polarity
Vibration
Mechanical durability
10 to 55 Hz, 0.75 mm (0.03 in) double amplitude in X, Y, and Z directions for 2 hours each
Malfunction durability
2 to 55 Hz, 2 G in X, Y, and Z directions for 10 minutes each
Shock
Mechanical durability
30 m/s2, in 6 directions, 3 times each
Malfunction durability
100 m/s2, in 6 directions, 3 times each



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com