Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E5CS-R1KJX-F Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # E5CS-R1KJX-F
Description  Temperature Controller E5CS--X
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5CS-R1KJX-F Datasheet(HTML) 1 Page - Omron Electronics LLC

  E5CS-R1KJX-F Datasheet HTML 1Page - Omron Electronics LLC E5CS-R1KJX-F Datasheet HTML 2Page - Omron Electronics LLC E5CS-R1KJX-F Datasheet HTML 3Page - Omron Electronics LLC E5CS-R1KJX-F Datasheet HTML 4Page - Omron Electronics LLC E5CS-R1KJX-F Datasheet HTML 5Page - Omron Electronics LLC E5CS-R1KJX-F Datasheet HTML 6Page - Omron Electronics LLC E5CS-R1KJX-F Datasheet HTML 7Page - Omron Electronics LLC E5CS-R1KJX-F Datasheet HTML 8Page - Omron Electronics LLC E5CS-R1KJX-F Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Temperature Controller
E5CS--X
A--146
Temperature Controller
E5CS--X
1/16 DIN Sized Controller Offers
Selectable Control, Alarm Modes
D
Accurate to
±0.5% of full scale.
D
Multiple temperature scale ranges allow flexibility to
match application.
D
Field-selectable temperature ranges in
°F and °C.
D
Selectable ON/OFF and PID control with auto-tuning of
proportional band.
D
8-function alarm, standard.
D
Tamper-proof setting, faulty sensor compensation and
controller diagnostics.
D
Easy-to-read 11 mm high LED display.
D
Nonvolatile memory backup.
D
3-year warranty.
RC
Ordering Information
J Temperature Controllers
Stock Note: Shaded models are normally stocked.
Item
Model
Sensor input type
Thermocouple
(Types J and K)
Platinum RTD (Pt: 100
Ω,
DIN and JIS standards)
Interchangeable thermistor
(THE types)
Output
Contact
E5CS-R1KJX-F
E5CS-R1PJX-F
E5CS-R1GX-F
p
Voltage
E5CS-Q1KJX-F
E5CS-Q1PJX-F
E5CS-Q1GX-F
Note: Items in the following table are sold in Canada only.
Item
Model
Sensor input type
Thermocouple
(Types J and K)
Platinum RTD (Pt: 100
Ω,
DIN and JIS standards)
Interchangeable thermistor
(THE types)
Output
Contact
E5CS-R1KJX
E5CS-R1PJX
E5CS-R1GX
p
Voltage
E5CS-Q1KJX
E5CS-Q1PJX
E5CS-Q1GX
J Accessories (Order Separately)
Stock Note: Shaded models are normally stocked.
Description
Model
Protective cover
Hard plastic; protects front panel against dust, dirt and water drops
Y92A-48
Panel mounting adapter
Replacement for one supplied with each unit
Y92F-30


Similar Part No. - E5CS-R1KJX-F

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E5CS-R1KJX OMRON-E5CS-R1KJX Datasheet
173Kb / 12P
Temperature Controller DIN-sized (48��48 mm) Temperature Controller Features Automatic P (proportional action) Tuning Function
More results

Similar Description - E5CS-R1KJX-F

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E5AX-P OMRON-E5AX-P Datasheet
162Kb / 14P
Temperature Controller
logo
Fuji Electric
EDS11-158C FUJI-EDS11-158C Datasheet
248Kb / 12P
PX series digital temperature controller MICRO-CONTROLLER X (48 횞 48 mm)
EDS11-159C FUJI-EDS11-159C Datasheet
297Kb / 16P
PX series digital temperature controller MICRO-CONTROLLER X (48 횞 96 mm)
EDS11-160C FUJI-EDS11-160C Datasheet
314Kb / 16P
PX series digital temperature controller MICRO-CONTROLLER X (96 횞 96 mm)
EDS11-164A FUJI-EDS11-164A Datasheet
468Kb / 8P
PX series Digital temperature Controller Socket Type MICRO-CONTROLLER X (48mm횞48mm) MICRO-CONTROLLER X
logo
FOTEK CONTROLS CO., LTD...
TC4896-DA FOTEK-TC4896-DA Datasheet
1Mb / 5P
Temperature Controller
TC-4896DA-PT-R3-F-S-A FOTEK-TC-4896DA-PT-R3-F-S-A Datasheet
3Mb / 10P
Temperature Controller
logo
WAGO Kontakttechnik Gmb...
750-8102-025-000 WAGO-750-8102-025-000 Datasheet
771Kb / 16P
Controller PFC100; 2 x ETHERNET, RS-232/-485; Ext. Temperature
750-8101-025-000 WAGO-750-8101-025-000 Datasheet
755Kb / 16P
Controller PFC100; 2 x ETHERNET; Ext. Temperature
750-8210-025-000 WAGO-750-8210-025-000 Datasheet
813Kb / 14P
Controller PFC200; 2nd Generation; 4 x ETHERNET; Ext. Temperature
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com