Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E5CS-R1KJX-F Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # E5CS-R1KJX-F
Description  Temperature Controller E5CS--X
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5CS-R1KJX-F Datasheet(HTML) 4 Page - Omron Electronics LLC

  E5CS-R1KJX-F Datasheet HTML 1Page - Omron Electronics LLC E5CS-R1KJX-F Datasheet HTML 2Page - Omron Electronics LLC E5CS-R1KJX-F Datasheet HTML 3Page - Omron Electronics LLC E5CS-R1KJX-F Datasheet HTML 4Page - Omron Electronics LLC E5CS-R1KJX-F Datasheet HTML 5Page - Omron Electronics LLC E5CS-R1KJX-F Datasheet HTML 6Page - Omron Electronics LLC E5CS-R1KJX-F Datasheet HTML 7Page - Omron Electronics LLC E5CS-R1KJX-F Datasheet HTML 8Page - Omron Electronics LLC E5CS-R1KJX-F Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Temperature Controller
E5CS--X
A--149
Dimensions
48
(1.89)
6
(0.24)
10
(0.39)
90 (3.54)
106 (4.2)
Unit: mm (inch)
Panel Cutout
Side-by-side Mounting of Several Temperature Controllers
Max. 60
(2.36)
45
(1.77)
45
(1.77)
45
(1.77)
+0.6
--0
+0.6
--0
+0.6
--0
L = 48 x number of units -- 2.5
(1.89 x number of units
--0.1)
Controllers
2
3
4
5
6
L
+1
93.5--0
(3.68)
+1
141.5--0
(5.57)
+1
189.5--0
(7.46)
+1
237.5--0
(9.35)
+1
285.5--0
(11.24)
Note: 1. Recommended panel thickness is 1 to 8 mm (0.04 to
0.31 in).
2. Because mounting brackets are attached to the top
and bottom of a temperature controller, tight side-by-
side mounting is possible.
Connections
100 to 240 VAC, 50/60 Hz
20 mA, 12 VDC
Alarm output
Thermistor input type
Platinum RTD input type
Thermocouple input type
Contact output type
Voltage output type



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com