Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E5CS-R1KJX-F Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # E5CS-R1KJX-F
Description  Temperature Controller E5CS--X
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5CS-R1KJX-F Datasheet(HTML) 3 Page - Omron Electronics LLC

  E5CS-R1KJX-F Datasheet HTML 1Page - Omron Electronics LLC E5CS-R1KJX-F Datasheet HTML 2Page - Omron Electronics LLC E5CS-R1KJX-F Datasheet HTML 3Page - Omron Electronics LLC E5CS-R1KJX-F Datasheet HTML 4Page - Omron Electronics LLC E5CS-R1KJX-F Datasheet HTML 5Page - Omron Electronics LLC E5CS-R1KJX-F Datasheet HTML 6Page - Omron Electronics LLC E5CS-R1KJX-F Datasheet HTML 7Page - Omron Electronics LLC E5CS-R1KJX-F Datasheet HTML 8Page - Omron Electronics LLC E5CS-R1KJX-F Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Temperature Controller
E5CS--X
A--148
Temperature Ranges
Thermocouple Input Type
Input type
Type K
Type J
Temperature range
0 to 200
0to300
0to400
0 to 500
0to600
0 to 999
0to999
0 to 200
0to300
0to400
0 t0 500
Scale indication
°C
°C
°C/°F
°C/°F
°C/°F
°C/°F
°F
°C
°C
°C/°F
°C/°F
Unit of measure
1
° CorF
Platinum RTD Input Type
Temperature range
--50 to 50
0.0 to 50.0
--20 to 80
0.0 to 99.9
0to200
0to300
0 to 400
0 to 600
0 to 800
Scale indication
°C
°C
°C
°C/°F
°C/°F
°C
°C/°F
°F
°F
Unit of measure
1
° CorF
0.1
° CorF
1
° Cor F
0.1
° CorF
1
° Cor F
Thermistor Input Type
Temp. range
--50 to 50
0to100
50 to 150
100 to 200
150 to 300
--50 to 100
0to200
100to300
200 to 400
300to600
Scale indication
°C
°F
Unit of measure
1
° CorF
Nomenclature
1. Main
display
2. Control output indicator
3. Alarm indicator
4. Up key
5. Down key
6. Return key
7. Write protection key
8. Display data identifier
9. Deviation indicators
Key
Description
Key
Description
1
Main display sequentially displays the present
temperature, set temperature, and an alarm value each
time the return key is pressed.
7
The hidden write protection key provides protection against
unauthorized setting of temperature and is used in conjunc-
tion with the internal “protection” switch. If the internal
t
ti
it h i
t t ON th
t
bt i U
d D
2
Control output indicator lights when the output is ON.
p
protection switch is set to ON, then to obtain Up and Down
operation the hidden key must be pressed simultaneously
3
Alarm indicator lights when the alarm output is ON.
operation, the hidden key must be pressed simultaneously
with the Up and Down keys. If the internal protection switch
4
Up key increases the set temperature or alarm value when
pressed. Increases the value quickly when held down.
with the Up and Down keys. If the internal protection switch
is set to OFF, changes can be made simply by pressing the
Up and Down keys.
5
Down key decreases the set temperature or alarm value
when pressed. Decreases the value quickly when held
down.
8
Display data identifier lights SP when the set temperature is
displayed on the main display and AL when an alarm value
is displayed.
6
Return key changes the value displayed on the main
display each time pressed.
9
Red deviation indicators light up an arrow when the present
temperature is higher than the set temperature and light a
down arrow when the present value is lower than the set
temperature. The green block indicates the temperature
deviation is within
±1% of the full scale.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com