Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLT10HH501100PN Datasheet(PDF) 8 Page - Murata Manufacturing Co., Ltd.

Part # PLT10HH501100PN
Description  SMD/BLOCK Type EMI Suppression Filters
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

PLT10HH501100PN Datasheet(HTML) 8 Page - Murata Manufacturing Co., Ltd.

Back Button PLT10HH501100PN Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. PLT10HH501100PN Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. PLT10HH501100PN Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. PLT10HH501100PN Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. PLT10HH501100PN Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. PLT10HH501100PN Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. PLT10HH501100PN Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. PLT10HH501100PN Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. PLT10HH501100PN Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
C31E.pdf
Mar.28,2011
155
Part Number
Type
Size Code
(Inch)
Rated Current
Common Mode Impedance
(at 100MHz/20
°C)
Thickness
(mm)
4.3
4.5
4.5
4.5
4.5
4.5
2.5
2.5
2.5
2.5
2.5
2020
2014
Wire Wound Type
for Power Lines
and Signal Lines
DLW5BSN302SQ2
3000ohm(Typ.)
500mA
DLW5AHN402SQ2
4000ohm(Typ.)
200mA
DLW5BSN191SQ2
190ohm(Typ.)
5000mA
DLW5BSN351SQ2
350ohm(Typ.)
2000mA
DLW5BSN102SQ2
1000ohm(Typ.)
1500mA
DLW5BSN152SQ2
1500ohm(Typ.)
1000mA
DLW5BTN101SQ2
100ohm(Typ.)
6000mA
DLW5BTN251SQ2
250ohm(Typ.)
5000mA
DLW5BTN501SQ2
500ohm(Typ.)
4000mA
DLW5BTN102SQ2
1000ohm(Typ.)
2000mA
DLW5BTN142SQ2
1400ohm(Typ.)
1500mA
p156
p156
p157
Part Number
Type
Size
Rated Current
Common Mode Impedance
(at 10MHz/20
°C)
PLT10HH401100PN
PLT10HH501100PN
PLT10HH9016R0PN
PLT10HH1026R0PN
400ohm
12.9x6.6
(mm)
Thickness
(mm)
9.4
9.4
9.4
9.4
Large Current
Common Mode Choke Coil
for Automotive Available
10A
500ohm
10A
900ohm
6A
1000ohm
6A
p173
DLp Chip Common Mode Choke Coil Series Line Up
Large Current Common Mode Choke Coil for Automotive Available
Series Line Up
PLp



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com