Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLT10HH501100PN Datasheet(PDF) 22 Page - Murata Manufacturing Co., Ltd.

Part # PLT10HH501100PN
Description  SMD/BLOCK Type EMI Suppression Filters
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

PLT10HH501100PN Datasheet(HTML) 22 Page - Murata Manufacturing Co., Ltd.

Back Button PLT10HH501100PN Datasheet HTML 18Page - Murata Manufacturing Co., Ltd. PLT10HH501100PN Datasheet HTML 19Page - Murata Manufacturing Co., Ltd. PLT10HH501100PN Datasheet HTML 20Page - Murata Manufacturing Co., Ltd. PLT10HH501100PN Datasheet HTML 21Page - Murata Manufacturing Co., Ltd. PLT10HH501100PN Datasheet HTML 22Page - Murata Manufacturing Co., Ltd. PLT10HH501100PN Datasheet HTML 23Page - Murata Manufacturing Co., Ltd. PLT10HH501100PN Datasheet HTML 24Page - Murata Manufacturing Co., Ltd. PLT10HH501100PN Datasheet HTML 25Page - Murata Manufacturing Co., Ltd. PLT10HH501100PN Datasheet HTML 26Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 40 page
background image
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
C31E.pdf
Mar.28,2011
169
Wire-wound common choke, HDMI available type prepaird.
DLW21SSeries (0805 Size)
DLW Series
Signal Lines Type Chip Common Mode Choke Coil
s Dimensions
s Equivalent Circuit
s Packaging
s Impedance-Frequency Characteristics (Main Items)
s Rated Value (p: packaging code)
Continued on the following page.
DLW21SN_SQ2 Series
DLW21SN_HQ2 Series
Refer to pages from p.176 to p.179 for mounting information.
DLW21S
Code
Packaging
Minimum
Quantity
L
180mm Reel Embossed Tape
2000
B
Bulk(Bag)
500
Operating Temperature Range: -40
°C to +85°C Number of Circuit: 1
HD: for high speed differential signal lines
UD: for ultra high speed differential signal lines
DLW21SR670HQ2 is designed to correct line impedance when ESD protection device is also used.
Part Number
Common Mode Impedance
(at 100MHz/20
°C)
Rated Current
Rated Voltage
Insulation
Resistance
(min.)
Withstand Voltage
DC Resistance
DLW21SN670SQ2p
67ohm
±25%
400mA
50Vdc
10M ohm
125Vdc
0.25ohm max.
DLW21SN900SQ2p
90ohm
±25%
330mA
50Vdc
10M ohm
125Vdc
0.35ohm max.
DLW21SN121SQ2p
120ohm
±25%
370mA
50Vdc
10M ohm
125Vdc
0.45ohm max.
DLW21SN181SQ2p
180ohm
±25%
330mA
50Vdc
10M ohm
125Vdc
0.35ohm max.
DLW21SN261SQ2p
260ohm
±25%
300mA
50Vdc
10M ohm
125Vdc
0.40ohm max.
DLW21SN371SQ2p
370ohm
±25%
280mA
50Vdc
10M ohm
125Vdc
0.45ohm max.
DLW21SN670HQ2p
67ohm
±25%
320mA
20Vdc
10M ohm
50Vdc
0.31ohm max.
DLW21SN900HQ2p
90ohm
±25%
280mA
20Vdc
10M ohm
50Vdc
0.41ohm max.
DLW21SN121HQ2p
120ohm
±25%
280mA
20Vdc
10M ohm
50Vdc
0.41ohm max.
DLW21SR670HQ2p
67ohm
±25%
400mA
20Vdc
10M ohm
50Vdc
0.25ohm max.
2.0
±0.2
1.2
±0.2
(0.45)
(0.45)
(1)
(2)
(3)
(4)
(in mm)
: Electrode
Frequency (MHz)
10000
1000
100
10
1
0.1
1
10
100
1000
DLW21SN371SQ2
DLW21SN261SQ2
DLW21SN181SQ2
DLW21SN121SQ2
DLW21SN900SQ2
DLW21SN670SQ2
Common mode
Differential mode
DLW21SN371SQ2
DLW21SN261SQ2
DLW21SN181SQ2
DLW21SN121SQ2
DLW21SN900SQ2
DLW21SN670SQ2
Frequency (MHz)
0.1
1
10
100
1000
10
100
1000
Common mode
Differential mode
DLW21SN670HQ2
DLW21SN900HQ2
DLW21SN121HQ2
DLW21SN670HQ2
DLW21SN900HQ2
DLW21SN121HQ2
(1)
(4)
(2)
(3)
No polarity.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com