Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLT10HH501100PN Datasheet(PDF) 15 Page - Murata Manufacturing Co., Ltd.

Part # PLT10HH501100PN
Description  SMD/BLOCK Type EMI Suppression Filters
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

PLT10HH501100PN Datasheet(HTML) 15 Page - Murata Manufacturing Co., Ltd.

Back Button PLT10HH501100PN Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. PLT10HH501100PN Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. PLT10HH501100PN Datasheet HTML 13Page - Murata Manufacturing Co., Ltd. PLT10HH501100PN Datasheet HTML 14Page - Murata Manufacturing Co., Ltd. PLT10HH501100PN Datasheet HTML 15Page - Murata Manufacturing Co., Ltd. PLT10HH501100PN Datasheet HTML 16Page - Murata Manufacturing Co., Ltd. PLT10HH501100PN Datasheet HTML 17Page - Murata Manufacturing Co., Ltd. PLT10HH501100PN Datasheet HTML 18Page - Murata Manufacturing Co., Ltd. PLT10HH501100PN Datasheet HTML 19Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 40 page
background image
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
C31E.pdf
Mar.28,2011
162
6GHz cut-off frequency (for HDMI) is available.
DLP11S/DLP11TSeries (0504 Size)
DLP Series
Signal Lines Type Chip Common Mode Choke Coil
s Dimensions
s Equivalent Circuit
s Packaging
s Rated Value (p: packaging code)
Continued on the following page.
Refer to pages from p.176 to p.179 for mounting information.
DLP11S/11T
s Impedance-Frequency Characteristics
DLP11SA Series
DLP11SN Series
Code
Packaging
Minimum
Quantity
L
180mm Reel
Embossed Tape
3000 (DLP11S)
5000 (DLP11T)
B
Bulk(Bag)
500
HD: for high speed differential signal lines
UD: for ultra high speed differential signal lines
Part Number
Common Mode Impedance
(at 100MHz/20
°C)
Rated Current
Rated Voltage
Insulation
Resistance
(min.)
Withstand Voltage
DC Resistance
DLP11SN670SL2p
67ohm
±20%
180mA
5Vdc
100M ohm
12.5Vdc
1.3ohm
±25%
DLP11SN121SL2p
120ohm
±20%
140mA
5Vdc
100M ohm
12.5Vdc
2.0ohm
±25%
DLP11SN161SL2p
160ohm
±20%
120mA
5Vdc
100M ohm
12.5Vdc
2.7ohm
±25%
DLP11SN900HL2p
90ohm
±20%
150mA
5Vdc
100M ohm
12.5Vdc
1.5ohm
±25%
DLP11SN201HL2p
200ohm
±20%
110mA
5Vdc
100M ohm
12.5Vdc
3.1ohm
±25%
DLP11SN241HL2p
240ohm
±20%
100mA
5Vdc
100M ohm
12.5Vdc
3.5ohm
±25%
DLP11SN281HL2p
280ohm
±20%
90mA
5Vdc
100M ohm
12.5Vdc
4.2ohm
±25%
DLP11SN331HL2p
330ohm
±20%
80mA
5Vdc
100M ohm
12.5Vdc
4.9ohm
±25%
DLP11SA350HL2p
35ohm
±20%
170mA
5Vdc
100M ohm
12.5Vdc
0.9ohm
±25%
DLP11SA670HL2p
67ohm
±20%
150mA
5Vdc
100M ohm
12.5Vdc
1.2ohm
±25%
DLP11SA900HL2p
90ohm
±20%
150mA
5Vdc
100M ohm
12.5Vdc
1.4ohm
±25%
Operating Temperature Range: -40
°C to +85°C Number of Circuit: 1
1.25
±0.1
0.3
±0.1
0.25
+0.1
–0.05
(1)
(2)
(3)
(4)
(in mm)
: Electrode
Part Number
T
DLP11S
0.82
±0.1
DLP11T
0.3
±0.05
(1)
(4)
(2)
(3)
No polarity.
Frequency (MHz)
1
10
100
1000
1
10
100
1000
10000
DLP11SA900HL2
DLP11SA670HL2
DLP11SA350HL2
DLP11SA900HL2
DLP11SA670HL2
DLP11SA350HL2
Common mode
Differential mode
Frequency (MHz)
1
10
100
1000
10000
1
10
100
1000
10000
Common mode
Differential mode
DLP11SN670SL2
DLP11SN281HL2
DLP11SN241HL2
DLP11SN281HL2
DLP11SN331HL2
DLP11SN201HL2
DLP11SN201HL2
DLP11SN241HL2
DLP11SN331HL2
DLP11SN900HL2
DLP11SN121SL2
DLP11SN161SL2
DLP11SN670SL2
DLP11SN900HL2
DLP11SN121SL2
DLP11SN161SL2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com