Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLT10HH501100PN Datasheet(PDF) 9 Page - Murata Manufacturing Co., Ltd.

Part # PLT10HH501100PN
Description  SMD/BLOCK Type EMI Suppression Filters
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

PLT10HH501100PN Datasheet(HTML) 9 Page - Murata Manufacturing Co., Ltd.

Back Button PLT10HH501100PN Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. PLT10HH501100PN Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. PLT10HH501100PN Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. PLT10HH501100PN Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. PLT10HH501100PN Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. PLT10HH501100PN Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. PLT10HH501100PN Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. PLT10HH501100PN Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. PLT10HH501100PN Datasheet HTML 13Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
C31E.pdf
Mar.28,2011
156
5A max, common mode choke coil for power lines.
DLW5AH/DLW5BSSeries (2014/2020 Size)
DLW Series
Universal Type [Power Lines/Signal Lines] Chip Common Mode Choke Coil
s Dimensions
s Equivalent Circuit
s Packaging
s Dimensions
s Equivalent Circuit
s Packaging
s Impedance-Frequency Characteristics (Main Items)
s Rated Value (p: packaging code)
s Derating of Rated Current
DLW5AH
DLW5BS
DLW5BSN191
Refer to pages from p.176 to p.179 for mounting information.
DLW5AH/DLW5BS
Code
Packaging
Minimum
Quantity
L
180mm Reel Embossed Tape
400
K
330mm Reel Embossed Tape
1500
B
Bulk(Bag)
100
Code
Packaging
Minimum
Quantity
L
180mm Reel Embossed Tape
400
K
330mm Reel Embossed Tape
1500
B
Bulk(Bag)
100
DLW5BSN152SQ2p
1500ohm(Typ.)
1000mA
50Vdc
10M ohm
125Vdc
0.1ohm max.
DLW5BSN302SQ2p
3000ohm(Typ.)
500mA
50Vdc
10M ohm
125Vdc
0.3ohm max.
Operating Temperature Range: -25
°C to +85°C (DLW5AH), -40°C to +85°C (DLW5BS) Number of Circuit: 1
Part Number
Common Mode Impedance
(at 100MHz/20
°C)
Rated Current Rated Voltage
Insulation
Resistance
(min.)
Withstand Voltage DC Resistance
DLW5AHN402SQ2p
4000ohm(Typ.)
200mA
50Vdc
10M ohm
125Vdc
3.0ohm max.
DLW5BSN191SQ2p
190ohm(Typ.)
5000mA
50Vdc
10M ohm
125Vdc
0.02ohm max.
DLW5BSN351SQ2p
350ohm(Typ.)
2000mA
50Vdc
10M ohm
125Vdc
0.04ohm max.
DLW5BSN102SQ2p
1000ohm(Typ.)
1500mA
50Vdc
10M ohm
125Vdc
0.06ohm max.
(L) 5.0
±0.3
(W) 3.6
±0.3
0.5 min.
(2)
(1)
(4)
(3)
1.3
±0.3
1.3
±0.3
0.9
±0.3
Starting position of wiring should
be covered with resin.
*
*
*
(in mm)
: Electrode
(L) 5.0
±0.3
3.6
±0.3
(W) 5.0
±0.3
0.5 min.
(2)
(1)
(4)
(3) 1.3
±0.3
0.9
±0.3
* The marking to
indicate the product
direction can be
applicable.
(Optional)
(in mm)
: Electrode
Polarity Marking
Frequency (MHz)
100000
10000
1000
100
10
1
10
100
1000
DLW5AHN402SQ2
DLW5BSN302SQ2
DLW5BSN152SQ2
DLW5BSN102SQ2
DLW5BSN351SQ2
DLW5BSN191SQ2
Common mode
DLW5AHN402SQ2
DLW5BSN302SQ2
DLW5BSN152SQ2
DLW5BSN102SQ2
DLW5BSN351SQ2
DLW5BSN191SQ2
Differential mode
4.5
4.75
5
0
1020304050607080
75
°C85°C
90
100
Operating Temperature (
°C)
DLW5BSN191SQ2 Temperature Derating
(1)
(4)
(2)
(3)
No polarity.
(1)
(4)
(2)
(3)
No polarity.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com